Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61240IDRVRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61240IDRVRQ1
Description  3.5-MHz High Efficiency Step-Up Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61240IDRVRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61240IDRVRQ1 Datasheet HTML 1Page - Texas Instruments TPS61240IDRVRQ1 Datasheet HTML 2Page - Texas Instruments TPS61240IDRVRQ1 Datasheet HTML 3Page - Texas Instruments TPS61240IDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS61240IDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS61240IDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS61240IDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS61240IDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS61240IDRVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS61240-Q1
SLVSAO4 – DECEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 85°C
SON - DRV
Reel of 3000
TPS61240IDRVRQ1
QVL
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
VI
Input voltage range on VIN, L, EN
–0.3 to 7
V
Voltage on VOUT
–2.0 to 7
V
Voltage on FB
–2.0 to 14
V
Peak output current
Internally limited
A
TJ
Maximum operating junction temperature
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS TABLE
(1)
POWER RATING
DERATING FACTOR ABOVE
PACKAGE
RqJA
TA ≤ 25°C
TA = 25°C
DRV
76°C/W
1300mW
13mW/°C
(1) Maximum power dissipation is a function of TJ(max), qJA and TA. The maximum allowable power dissipation at
any allowable ambient temperature is PD = [TJ(max)-TA] / qJA.
(2) This thermal data is measured with high-K board (4 layer board according to JESD51-7 JEDEC standard).
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage at VIN
2.3
5.5
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS61240-Q1


Similar Part No. - TPS61240IDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240IDRVRQ1 TI1-TPS61240IDRVRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results

Similar Description - TPS61240IDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com