Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54527 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54527
Description  4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54527 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54527 Datasheet HTML 6Page - Texas Instruments TPS54527 Datasheet HTML 7Page - Texas Instruments TPS54527 Datasheet HTML 8Page - Texas Instruments TPS54527 Datasheet HTML 9Page - Texas Instruments TPS54527 Datasheet HTML 10Page - Texas Instruments TPS54527 Datasheet HTML 11Page - Texas Instruments TPS54527 Datasheet HTML 12Page - Texas Instruments TPS54527 Datasheet HTML 13Page - Texas Instruments TPS54527 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
-50
0
50
100
150
T - Junction Temperature
C
J
- °
0.75
0.755
0.76
0.765
0.77
0.775
0.78
t - Time - 400 ns/div
Vo = 1.05 V
Vo (10 mV/div)
SW (5 V/div)
400
450
500
550
600
650
700
750
800
850
900
0
5
10
15
20
V - Input Voltage - V
I
V
= 5 V
O
V
= 1.5 V
O
I
= 1 A
O
V
= 3.3 V
O
V
= 2.5 V
O
V
= 1.8 V
O
V
= 1.2 V
O
V
= 1.05 V
O
0
1
2
3
4
5
I - Output Current - A
O
400
450
500
550
600
650
700
750
800
850
900
V
= 3.3 V
O
V
= 1.8 V
O
V
= 1.05 V
O
40
50
60
70
80
90
100
0
1
2
3
4
5
I - Output Current - A
O
V
= 3.3 V
O
V
= 1.8 V
O
V
= 2.5 V
O
EN (10 V/div)
t - Time - 1 ms/div
VREG5 (5 V/div)
Vout (0.5 V/div)
TPS54527
SLVSAY5C – JULY 2011 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 7. START-UP WAVE FORM
Figure 8. EFFICIENCY vs OUTPUT CURRENT
Figure 9. SWITCHING FREQUENCY vs INPUT VOLTAGE
Figure 10. SWITCHING FREQUENCY vs
OUTPUT CURRENT
Figure 11. Vfb VOLTAGE vs JUNCTION TEMPERATURE
Figure 12. VOLTAGE RIPPLE AT OUTPUT (IO = 2 A)
10
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS54527


Similar Part No. - TPS54527

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
More results

Similar Description - TPS54527

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54627 TI-TPS54627_15 Datasheet
937Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com