Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54526 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54526
Description  4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54526 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54526 Datasheet HTML 4Page - Texas Instruments TPS54526 Datasheet HTML 5Page - Texas Instruments TPS54526 Datasheet HTML 6Page - Texas Instruments TPS54526 Datasheet HTML 7Page - Texas Instruments TPS54526 Datasheet HTML 8Page - Texas Instruments TPS54526 Datasheet HTML 9Page - Texas Instruments TPS54526 Datasheet HTML 10Page - Texas Instruments TPS54526 Datasheet HTML 11Page - Texas Instruments TPS54526 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPS54526
SLVSB84 – MAY 2012
www.ti.com
VREG5
VREG5 is an internally generated voltage source used by the TPS54526. It is derived directly from the input
voltage and is nominally regulated to 5.5 V when the input voltage is above 5.6 V. The output of the VREG5
regulator is the input to the internal UVLO function. VREG5 must be above the UVLO wake up threshold voltage
(3.6 V typical) for the TPS54526 to function. Connect a 1.0 µF capacitor between pin 3 of the TPS54526 and
power ground for proper regulation of the VREG5 output. The VREG5 output voltage is available for external
use. It is recommended to use no more than 5 mA for external loads. The VREG5 output is disabled when the
TPS54526 EN pin is open or pulled low.
Output Discharge Control
TPS54526 discharges the output when EN is low, or the controller is turned off by the protection functions (OVP,
UVP, UVLO and thermal shutdown). The output is discharged by an internal 50-
Ω MOSFET which is connected
from VO to PGND. The internal low-side MOSFET is not turned on during the output discharge operation to
avoid the possibility of causing negative voltage at the output.
Current Protection
The output overcurrent protection (OCP) is implemented using a cycle-by-cycle valley detect control circuit. The
switch current is monitored by measuring the low-side FET switch voltage between the SW pin and GND. This
voltage is proportional to the switch current. To improve accuracy, the voltage sensing is temperature
compensated.
During the on-time of the high-side FET switch, the switch current increases at a linear rate determined by VIN,
VOUT, the on-time, and the output inductor value. During the on-time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current IOUT. If the measured voltage is
above the voltage proportional to the current limit. Then, the device constantly monitors the low-side FET switch
voltage, which is proportional to the switch current, during the low-side on-time.
The converter maintains the low-side switch on until the measured voltage is below the voltage corresponding to
the current limit at which time the switching cycle is terminated and a new switching cycle begins. In subsequent
switching cycles, the on-time is set to a fixed value and the current is monitored in the same manner.
There are some important considerations for this type of overcurrent protection. The load current one half of the
peak-to-peak inductor current higher than the overcurrent threshold. Also when the current is being limited, the
output voltage tends to fall as the demanded load current may be higher than the current available from the
converter. This may cause the output under-voltage protection circuit to be activated. When the overcurrent
condition is removed, the output voltage will return to the regulated value. This protection is non-latching.
Over/Under Voltage Protection
TPS54526 monitors a resistor divided feedback voltage to detect over and under voltage. When the feedback
voltage becomes higher than 125% of the target voltage, the OVP comparator output goes high and the circuit
latches as the high-side MOSFET driver turns off and the low-side MOSFET turns on. When the feedback
voltage becomes lower than 65% of the target voltage, the UVP comparator output goes high and an internal
UVP delay counter begins. After 250
μs, the device latches off both internal top and bottom MOSFET. This
function is enabled approximately 1.7 x softstart time.
UVLO Protection
Undervoltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is lower
than UVLO threshold voltage, the TPS54526 is shut off. This is protection is non-latching.
Thermal Shutdown
TPS54526 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 165°C),
the device is shut off. This is non-latch protection.
SPACER
8
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS54526


Similar Part No. - TPS54526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
More results

Similar Description - TPS54526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS56628 TI1-TPS56628 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com