Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54495PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54495PWPR
Description  4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54495PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54495PWPR Datasheet HTML 5Page - Texas Instruments TPS54495PWPR Datasheet HTML 6Page - Texas Instruments TPS54495PWPR Datasheet HTML 7Page - Texas Instruments TPS54495PWPR Datasheet HTML 8Page - Texas Instruments TPS54495PWPR Datasheet HTML 9Page - Texas Instruments TPS54495PWPR Datasheet HTML 10Page - Texas Instruments TPS54495PWPR Datasheet HTML 11Page - Texas Instruments TPS54495PWPR Datasheet HTML 12Page - Texas Instruments TPS54495PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
1.45
1.46
1.47
1.48
1.49
1.50
1.51
1.52
1.53
1.54
1.55
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Output Current (A)
VIN = 5 V
VIN = 12 V
VIN = 18 V
VOUT = 1.5 V
G005
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0
2
4
6
8
10
12
14
16
18
20
Input Voltage (V)
IOUT = 10 mA
IOUT = 1 A
G006
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
EN Input Voltage (V)
EN1
EN2
G003
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Current (A)
VIN = 6 V
VIN = 12 V
VIN = 18 V
VOUT = 3.3 V
G004
0
200
400
600
800
1000
1200
1400
1600
1800
2000
−50
0
50
100
150
Junction Temperature (°C)
VIN1, VIN2 = 12 V
EN1, EN2 = ON
G001
0
2
4
6
8
10
12
14
16
18
20
−50
0
50
100
150
Junction Temperature (°C)
VIN1, VIN2 = 12 V
EN1. EN2 = OFF
G002
TPS54495
www.ti.com
SLVSBH0 – JUNE 2012
TYPICAL CHARACTERISTICS
One output is enabled unless otherwise noted. VIN = VIN1 or VIN2. VINx = 12 V, TA = 25°C (unless otherwise noted).
Figure 1. Input Current vs Junction Temperature
Figure 2. Input Shutdown Current vs Junction
Temperature
Figure 3. EN Current vs EN Voltage (VEN=12V)
Figure 4. VO1=3.3V Output Voltage vs Output Current
Figure 5. VO2=1.5V Output Voltage vs Output Current
Figure 6. VO1=3.3V Output Voltage vs Input Voltage
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS54495


Similar Part No. - TPS54495PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54495PWPR TI1-TPS54495PWPR Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54495PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI1-TPS54494 Datasheet
923Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI-TPS54495_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI-TPS54294_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com