Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54428DDAR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54428DDAR
Description  4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54428DDAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54428DDAR Datasheet HTML 5Page - Texas Instruments TPS54428DDAR Datasheet HTML 6Page - Texas Instruments TPS54428DDAR Datasheet HTML 7Page - Texas Instruments TPS54428DDAR Datasheet HTML 8Page - Texas Instruments TPS54428DDAR Datasheet HTML 9Page - Texas Instruments TPS54428DDAR Datasheet HTML 10Page - Texas Instruments TPS54428DDAR Datasheet HTML 11Page - Texas Instruments TPS54428DDAR Datasheet HTML 12Page - Texas Instruments TPS54428DDAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
0
5
10
15
20
EN Input Voltage - V
V = 18 V
I
0
5
10
15
20
25
30
35
40
45
50
1
1.025
1.05
1.075
1.1
0
1
2
3
4
I
- Output Current - A
O
V = 18 V
I
V = 5 V
I
V = 12 V
I
100
s/div
m
Vout (50 mV/div)
Iout (2 A/div)
1.04
1.05
1.06
1.07
1.08
0
5
10
15
20
V - Input Voltage - V
I
I = 10 mA
O
I = 1 A
O
1 ms/div
EN (10 V/div)
VREG5 (5 V/div)
Vout (0.5 V/div)
40
50
60
70
80
90
100
V
= 1.8 V
O
V
= 2.5 V
O
V
= 3.3 V
O
1
2
3
4
5
I - Output Current - A
O
0
TPS54428
www.ti.com
SLVSB42A
– NOVEMBER 2011 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA = 25
°C (unless otherwise noted)
Figure 3. EN CURRENT vs EN VOLTAGE
Figure 4. 1.05V OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 5. 1.05V OUTPUT VOLTAGE vs VIN VOLTAGE
Figure 6. 1.05V LOAD TRANSIENT RESPONSE
Figure 7. START UP WAVEFORM
Figure 8. EFFICIENCY vs OUTPUT CURRENT
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS54428


Similar Part No. - TPS54428DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428DDAR TI1-TPS54428DDAR Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
More results

Similar Description - TPS54428DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56428 TI-TPS56428 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54239E TI-TPS54239E_15 Datasheet
963Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com