Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54428 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54428
Description  4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54428 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54428 Datasheet HTML 4Page - Texas Instruments TPS54428 Datasheet HTML 5Page - Texas Instruments TPS54428 Datasheet HTML 6Page - Texas Instruments TPS54428 Datasheet HTML 7Page - Texas Instruments TPS54428 Datasheet HTML 8Page - Texas Instruments TPS54428 Datasheet HTML 9Page - Texas Instruments TPS54428 Datasheet HTML 10Page - Texas Instruments TPS54428 Datasheet HTML 11Page - Texas Instruments TPS54428 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
0
200
400
600
800
1000
1200
-50
0
50
100
150
T - Junction Temperature - °C
J
0
5
10
15
20
-50
0
50
100
150
T Junction Temperature - °C
J
TPS54428
SLVSB42A
– NOVEMBER 2011 – REVISED JANUARY 2012
www.ti.com
Current Protection
The output over-current protection (OCP) is implemented using a cycle-by-cycle valley detect control circuit. The
switch current is monitored by measuring the low-side FET switch voltage between the SW pin and GND. This
voltage is proportional to the switch current. To improve accuracy, the voltage sensing is temperature
compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by Vin,
Vout, the on-time and the output inductor value. During the on time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current Iout. The TPS54428 constantly
monitors the low-side FET switch voltage, which is proportional to the switch current, during the low-side on-time.
If the measured voltage is above the voltage proportional to the current limit, an internal counter is incremented
per each SW cycle and the converter maintains the low-side switch on until the measured voltage is below the
voltage corresponding to the current limit at which time the switching cycle is terminated and a new switching
cycle begins. In subsequent switching cycles, the on-time is set to a fixed value and the current is monitored in
the same manner. If the over current condition exists for 7 consecutive switching cycles, the internal OCL
threshold is set to a lower level, reducing the available output current. When a switching cycle occurs where the
switch current is not above the lower OCL threshold, the counter is reset and the OCL limit is returned to the
higher value.
There are some important considerations for this type of over-current protection. The load current one half of the
peak-to-peak inductor current is higher than the over-current threshold also when the current is being limited, the
output voltage tends to fall as the demanded load current may be higher than the current available from the
converter. This may cause the output voltage to fall. When the over current condition is removed, the output
voltage returns to the regulated value. This protection is non-latching.
UVLO Protection
Undervoltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is
lower than UVLO threshold voltage, the TPS54428 is shut off. This protection is non-latching.
Thermal Shutdown
TPS54428 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 170
°C),
the device is shut off. This is non-latch protection.
TYPICAL CHARACTERISTICS
VIN = 12 V, TA = 25
°C (unless otherwise noted)
Figure 1. VIN CURRENT vs JUNCTION TEMPERATURE
Figure 2. VIN SHUTDOWN CURRENT vs JUNCTION
TEMPERATURE
8
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS54428


Similar Part No. - TPS54428

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428DDA TI1-TPS54428DDA Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
TPS54428DDAR TI1-TPS54428DDAR Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
TPS54428DRCR TI1-TPS54428DRCR Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
TPS54428DRCT TI1-TPS54428DRCT Datasheet
1Mb / 29P
[Old version datasheet]   4-A Synchronous Step-Down Converter
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
More results

Similar Description - TPS54428

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56428 TI-TPS56428 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down Converter with Advanced Eco-mode?
TPS54239E TI-TPS54239E Datasheet
1,003Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter With Eco-mode
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54239E TI-TPS54239E_15 Datasheet
963Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT??Converter With Eco-mode?
TPS54339E TI-TPS54339E Datasheet
967Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54339E TI-TPS54339E_15 Datasheet
932Kb / 22P
[Old version datasheet]   4.5V to 23V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com