Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54386TPWPRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54386TPWPRQ1
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54386TPWPRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54386TPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS54386TPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS54386TPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS54386TPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS54386TPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS54386TPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS54386TPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS54386TPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS54386TPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
TPS54386-Q1
www.ti.com
SLUSAZ9A – MARCH 2012 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS
–40°C
≤ TA ≤ 105°C, VPVDD1 = VPVDD2 = 12 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY (PVDD)
VPVDD1
4.5
28
V
Input voltage range
VPVDD2
4.5
28
V
IDDSDN
Shutdown
V EN1 = V EN2 = VPVDD2
70
150
μA
IDDQ
Quiescent, non-switching
VFB = 0.9 V, outputs off
1.8
3
mA
SW node unloaded; Measured as BP sink
IDDSW
Quiescent, while-switching
5
current
VUVLO
Minimum turnon voltage
PVDD2 only
3.8
4.1
4.4
V
VUVLO(hys)
Hysteresis
400
mV
CBP = 10 μF, EN1 and EN2 go low
tSTART
(1) (2)
Time from start-up to soft-start begin
2
ms
simultaneously
ENABLE (EN)
VEN1
0.9
1.2
1.5
V
Enable threshold
VEN2
0.9
1.2
1.5
V
Hysteresis
50
mV
IEN1
6
12
μA
Enable pullup current
V EN1 = V EN2 = 0 V
IEN2
6
12
μA
tEN
(1)
Time from enable to soft-start begin
Other EN pin = GND
10
μs
BP REGULATOR (BP)
BP
Regulator voltage
8 V < PVDD2 < 28 V
5
5.25
5.6
V
PVDD2 = 4.5 V; switching, no external load on
BPLDO
Dropout voltage
400
mV
BP
IBP
(1)
Regulator external load
2
mA
IBPS
Regulator short circuit
4.5 V < PVDD2 < 28 V
10
20
30
mA
OSCILLATOR
fSW
Switching frequency
510
630
750
kHz
tDEAD
(1)
Clock dead time
140
ns
ERROR AMPLIFIER (EA) and VOLTAGE REFERENCE (REF)
VFB1
0°C < TA < 85°C
788
800
812
mV
Feedback input voltage
VFB2
–40°C < TA < 125°C
786
812
mV
IFB1
3
50
nA
Feedback input bias current
IFB2
3
50
nA
gM1
(1)
30
μS
Transconductance
gM2
(1)
30
μS
SOFT START (SS)
TSS1
1.5
2.1
2.7
ms
Soft-start time
TSS2
1.5
2.1
2.7
ms
OVERCURRENT PROTECTION
ICL1
Current limit channel 1
3.6
4.5
5.6
A
VILIM2 = VBP
3.6
4.5
5.6
ICL2
Current limit channel 2
VILIM2 = (floating)
2.4
3
3.6
A
VILIM2 = GND
1.15
1.5
1.75
VUV1
670
mV
Low-level output threshold to declare a fault
Measured at feedback pin
VUV2
670
mV
tHICCUP
(1)
Hiccup timeout
10
ms
tON1(oc)
(1)
90
150
ns
Minimum overcurrent pulse duration
tON2(oc)
(1)
90
150
ns
(1)
Ensured by design. Not production tested.
(2)
When both outputs are started simultaneously, a 20-mA current source charges the BP capacitor. Faster times are possible with a lower
BP capacitor value. More information can be found in the Input UVLO and Startup section.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54386-Q1


Similar Part No. - TPS54386TPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54386 TI-TPS54386 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54386 TI1-TPS54386 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54386PWP TI-TPS54386PWP Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54386PWPG4 TI-TPS54386PWPG4 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54386PWPR TI-TPS54386PWPR Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
More results

Similar Description - TPS54386TPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54383 TI-TPS54383 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283 Datasheet
1Mb / 52P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283_15 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI1-TPS54283_17 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS55383 TI-TPS55383_15 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI1-TPS55383_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI-TPS55383 Datasheet
920Kb / 41P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54383 TI-TPS54383_15 Datasheet
1Mb / 56P
[Old version datasheet]   TPS5438x Dual 3-A Non-Synchronous Converters With Integrated High-Side MOSFET
logo
Analog Devices
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
976Kb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
ADP2323ACPZ-R7 AD-ADP2323ACPZ-R7 Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com