Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST45VF010 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST45VF010
Description  512 Kbit / 1 Mbit / 2 Mbit Serial Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45VF010 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST45VF010 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST45VF010 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
© 2000 Silicon Storage Technology, Inc.
S71178
514-1 10/00
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST45VF512 / SST45VF010 / SST45VF020
Advance Information
FIGURE 9: CHIP-ERASE TIMING DIAGRAM
FIGURE 8: SECTOR-ERASE TIMING DIAGRAM
514 ILL F07.1
CE#
SO
SI
SCK
X
012
34
5
6
7
8
X
X
D0H
X
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47
WP#
SELF-TIMED CHIP-
ERASE CYCLE
TSCE
TWPH
TWPS
0
1100000
514 ILL F06.1
CE#
WP#
SO
SI
SCK
ADD.
SELF-TIMED SECTOR-
ERASE CYCLE
012
34
5
6
7
8
ADD.
X
D0H
X
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47
0
0100000
TSE
TWPH
TWPS


Similar Part No. - SST45VF010

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST45LF010 SST-SST45LF010 Datasheet
181Kb / 14P
   1 Megabit Serial Flash
SST45LF010 SST-SST45LF010 Datasheet
201Kb / 16P
   1 Mbit Serial Flash
SST45LF010-10-4C-QA SST-SST45LF010-10-4C-QA Datasheet
181Kb / 14P
   1 Megabit Serial Flash
SST45LF010-10-4C-QA SST-SST45LF010-10-4C-QA Datasheet
201Kb / 16P
   1 Mbit Serial Flash
SST45LF010-10-4C-SA SST-SST45LF010-10-4C-SA Datasheet
181Kb / 14P
   1 Megabit Serial Flash
More results

Similar Description - SST45VF010

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
   512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com