Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST37VF020-90-3C-NH Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST37VF020-90-3C-NH
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST37VF020-90-3C-NH Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST37VF020-90-3C-NH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST37VF020-90-3C-NH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST37VF020-90-3C-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST37VF020-90-3C-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST37VF020-90-3C-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST37VF020-90-3C-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST37VF020-90-3C-NH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST37VF020-90-3C-NH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST37VF020-90-3C-NH Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST37VF512 / SST37VF010 / SST37VF020 / SST37VF040
©2001 Silicon Storage Technology, Inc.
S71151-02-000
5/01
397
FIGURE 4: READ CYCLE TIMING DIAGRAM
FIGURE 5: CHIP-ERASE TIMING DIAGRAM
397 ILL F03.0
ADDRESS
DQ7-0
WE#
OE#
CE#
TCE
TRC
TAA
TOE
TOLZ
VIH
HIGH-Z
TCLZ
TOH
TCHZ
HIGH-Z
DATA VALID
DATA VALID
TOHZ
397 ILL F04.0
TA9H
TVR
TVPH
TVPS
TCEH
TPRT
VDD
VSS
OE#
A9
WE#
VH
VH
VIH
VIL
DQ7-0
CE#
ADDRESS
(EXCEPT A9)
TA9S
TART
TCES
TEW


Similar Part No. - SST37VF020-90-3C-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST37VF020-70-3C-NH SST-SST37VF020-70-3C-NH Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF020-70-3C-NHE SST-SST37VF020-70-3C-NHE Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF020-70-3C-PH SST-SST37VF020-70-3C-PH Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF020-70-3C-PHE SST-SST37VF020-70-3C-PHE Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF020-70-3C-WH SST-SST37VF020-70-3C-WH Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
More results

Similar Description - SST37VF020-90-3C-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com