Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL26708IHZ-T7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL26708IHZ-T7A
Description  12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26708IHZ-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL26708IHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL26708IHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL26708IHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL26708IHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL26708IHZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL26708IHZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL26708IHZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL26708IHZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL26708IHZ-T7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ISL26712, ISL26710, ISL26708
9
FN7999.3
September 5, 2012
Typical Performance Characteristics
FIGURE 5. ISL26712 SINAD vs ANALOG INPUT FREQUENCY FOR
VARIOUS SUPPLY VOLTAGES
FIGURE 6. ISL26712 DYNAMIC PERFORMANCE WITH VDD = 5V
FIGURE 7. CMRR vs FREQUENCY FOR VDD = 5V
FIGURE 8. TYPICAL DNL FOR THE ISL26712 FOR VDD = 5V
FIGURE 9. PSRR vs SUPPLY RIPPLE FREQUENCY WITHOUT SUPPLY
DECOUPLING
FIGURE 10. TYPICAL INL FOR THE ISL26712 FOR VDD = 5V
55
60
65
70
75
10
100
1k
INPUT FREQUENCY (kHz)
2.7V
3.6V
4.75V
5.25V
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
FREQUENCY (kHz)
8192-POINT FFT
fSAMPLE = 1MSPS
fIN = 95.2kHz
SINAD = 72.0dB
THD = -91dB
SFDR = 93dB
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10k
100k
1k
10k
FREQUENCY (Hz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
CODE
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (kHz)
250mVP-P SINE WAVE ON VDD
NO DECOUPLING ON VDD
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
CODE


Similar Part No. - ISL26708IHZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26708IHZ-T7A INTERSIL-ISL26708IHZ-T7A Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Renesas Technology Corp
ISL26708IHZ-T7A RENESAS-ISL26708IHZ-T7A Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results

Similar Description - ISL26708IHZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com