Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL267450IUZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL267450IUZ
Description  12-Bit, 1MSPS SAR ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267450IUZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL267450IUZ Datasheet HTML 5Page - Intersil Corporation ISL267450IUZ Datasheet HTML 6Page - Intersil Corporation ISL267450IUZ Datasheet HTML 7Page - Intersil Corporation ISL267450IUZ Datasheet HTML 8Page - Intersil Corporation ISL267450IUZ Datasheet HTML 9Page - Intersil Corporation ISL267450IUZ Datasheet HTML 10Page - Intersil Corporation ISL267450IUZ Datasheet HTML 11Page - Intersil Corporation ISL267450IUZ Datasheet HTML 12Page - Intersil Corporation ISL267450IUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISL267450
9
FN8341.0
August 10, 2012
Typical Performance Characteristics
FIGURE 3. DYNAMIC PERFORMANCE AT 1MSPS WITH VDD = 5V
FIGURE 4. DYNAMIC PERFORMANCE AT 833KSPS WITH VDD = 3V
FIGURE 5. SINAD vs ANALOG FREQUENCY FROM VARIOUS SUPPLY
VOLTAGES
FIGURE 6. TYPICAL DNL FOR VDD = 5V
FIGURE 7. TYPICAL DNL FOR VDD = 3V
FIGURE 8. TYPICAL INL FOR VDD = 5V
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
FREQUENCY (kHz)
8192-POINT FFT
fSAMPLE = 1MSPS
fIN = 300kHz
SINAD = 71.55dB
THD = -80.88dB
SFDR = 84.08dB
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
FREQUENCY (kHz)
8192-POINT FFT
fSAMPLE = 833kSPS
fIN = 300kHz
SINAD = 69.83dB
THD = -82.02dB
SFDR = 82.93dB
60
62
64
66
68
70
72
74
10
100
1k
TEST FREQUENCY (Hz)
2.7V
3.3V
4.75V
5.25V
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
CODE
0
1024
2048
3072
4096
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
CODE
0
1024
2048
3072
4096
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
CODE
0
1024
2048
3072
4096


Similar Part No. - ISL267450IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267450IUZ INTERSIL-ISL267450IUZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Renesas Technology Corp
ISL267450IUZ RENESAS-ISL267450IUZ Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
More results

Similar Description - ISL267450IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com