Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA222S25IR1Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISLA222S25IR1Z
Description  Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA222S25IR1Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISLA222S25IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 10Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 11Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 12Page - Intersil Corporation ISLA222S25IR1Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
ISLA222S
9
FN8302.0
May 1, 2012
LVDS Inputs
SYNCP, SYNCN Setup Time (with Respect to the Positive Edge of
CLKP)
tRSTS
AVDD,
OVDD = 1.7V to
1.9V, TA = -40°C
to +85°C
400
75
ps
SYNCP, SYNCN Hold Time (with respect to the positive edge of
CLKP)
tRSTH
AVDD,
OVDD = 1.7V to
1.9V, TA = -40°C
to +85°C
150
350
ps
CML Outputs
Output Rise Time
tR
165
ps
Output Fall Time
tF
145
ps
Data Output Duty Cycle
50
%
Differential Output Resistance
100
Differential Output Voltage (Note 13)
760
mVP-P
SPI INTERFACE (Notes 14, 15)
SCLK Period
t
CLK
Write Operation
7
cycles
tCLK
Read Operation
16
cycles
CSB
↓ to SCLK↑ Setup Time
tS
Read or Write
2
cycles
CSB
↑ after SCLK↑ Hold Time
tH
Read or Write
5
cycles
Data Valid to SCLK
↑ Setup Time
tDS
Read or Write
6
cycles
Data Valid after SCLK
↑ Hold Time
tDH
Read or Write
4
cycles
Data Valid after SCLK
↓ Time
tDVR
Read
4
cycles
NOTES:
11. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
12. The synchronous clock divider reset function is available as a (SPI-programmable) overload on the SYNC input.
13. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak single-ended swing is 1/2 of the differential swing.
14. The SPI interface timing is directly proportional to the ADC sample period (tS). Values above reflect multiples of a 4ns sample period, and must be
scaled proportionally for lower sample rates. ADC sample clock must be running for SPI communication.
15. The SPI may operate asynchronously with respect to the ADC sample clock.
Switching Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS


Similar Part No. - ISLA222S25IR1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA222S25IR1Z RENESAS-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA222S25IR1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com