Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA6J2C0G1H223J Datasheet(PDF) 11 Page - TDK Electronics

Part # CGA6J2C0G1H223J
Description  Automotive Grade Capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA6J2C0G1H223J Datasheet(HTML) 11 Page - TDK Electronics

Back Button CGA6J2C0G1H223J Datasheet HTML 7Page - TDK Electronics CGA6J2C0G1H223J Datasheet HTML 8Page - TDK Electronics CGA6J2C0G1H223J Datasheet HTML 9Page - TDK Electronics CGA6J2C0G1H223J Datasheet HTML 10Page - TDK Electronics CGA6J2C0G1H223J Datasheet HTML 11Page - TDK Electronics CGA6J2C0G1H223J Datasheet HTML 12Page - TDK Electronics CGA6J2C0G1H223J Datasheet HTML 13Page - TDK Electronics CGA6J2C0G1H223J Datasheet HTML 14Page - TDK Electronics CGA6J2C0G1H223J Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TDK MLCC US Catalog
Version B11
Page 299
Capacitance
Range Table
CGA3 [EIA CC0603]
TDK Part Number
(Ordering Code)
Temperature
Characteristics
Rated
Voltage
Capacitance
(pF)
Capacitance
Tolerance
Thickness
(mm)
CGA3E2C0G1H010C
C0G
50V
1.0
± 0.25pF
0.80 ± 0.10
CGA3E2C0G1H1R5C
C0G
50V
1.5
± 0.25pF
0.80 ± 0.10
CGA3E2C0G1H020C
C0G
50V
2.0
± 0.25pF
0.80 ± 0.10
CGA3E2C0G1H2R2C
C0G
50V
2.2
± 0.25pF
0.80 ± 0.10
CGA3E2C0G1H030C
C0G
50V
3.0
± 0.25pF
0.80 ± 0.10
CGA3E2C0G1H3R3C
C0G
50V
3.3
± 0.25pF
0.80 ± 0.10
CGA3E2C0G1H040C
C0G
50V
4.0
± 0.25pF
0.80 ± 0.10
CGA3E2C0G1H4R7C
C0G
50V
4.7
± 0.25pF
0.80 ± 0.10
CGA3E2C0G1H050C
C0G
50V
5.0
± 0.25pF
0.80 ± 0.10
CGA3E2C0G1H060D
C0G
50V
6.0
± 0.50pF
0.80 ± 0.10
CGA3E2C0G1H6R8D
C0G
50V
6.8
± 0.50pF
0.80 ± 0.10
CGA3E2C0G1H070D
C0G
50V
7.0
± 0.50pF
0.80 ± 0.10
CGA3E2C0G1H080D
C0G
50V
8.0
± 0.50pF
0.80 ± 0.10
CGA3E2C0G1H090D
C0G
50V
9.0
± 0.50pF
0.80 ± 0.10
CGA3E2C0G1H100D
C0G
50V
10
± 0.50pF
0.80 ± 0.10
CGA3E2C0G1H120J
C0G
50V
12
± 5%
0.80 ± 0.10
CGA3E2C0G1H150J
C0G
50V
15
± 5%
0.80 ± 0.10
CGA3E2C0G1H180J
C0G
50V
18
± 5%
0.80 ± 0.10
CGA3E2C0G1H220J
C0G
50V
22
± 5%
0.80 ± 0.10
CGA3E2C0G1H270J
C0G
50V
27
± 5%
0.80 ± 0.10
CGA3E2C0G1H330J
C0G
50V
33
± 5%
0.80 ± 0.10
CGA3E2C0G1H390J
C0G
50V
39
± 5%
0.80 ± 0.10
CGA3E2C0G1H470J
C0G
50V
47
± 5%
0.80 ± 0.10
CGA3E2C0G1H560J
C0G
50V
56
± 5%
0.80 ± 0.10
CGA3E2C0G1H680J
C0G
50V
68
± 5%
0.80 ± 0.10
CGA3E2C0G1H820J
C0G
50V
82
± 5%
0.80 ± 0.10
CGA3E2C0G1H101J
C0G
50V
100
± 5%
0.80 ± 0.10
CGA3E2C0G1H121J
C0G
50V
120
± 5%
0.80 ± 0.10
CGA3E2C0G1H151J
C0G
50V
150
± 5%
0.80 ± 0.10
CGA3E2C0G1H181J
C0G
50V
180
± 5%
0.80 ± 0.10
CGA3E2C0G1H221J
C0G
50V
220
± 5%
0.80 ± 0.10
CGA3E2C0G1H271J
C0G
50V
270
± 5%
0.80 ± 0.10
CGA3E2C0G1H331J
C0G
50V
330
± 5%
0.80 ± 0.10
CGA3E2C0G1H391J
C0G
50V
390
± 5%
0.80 ± 0.10
CGA3E2C0G1H471J
C0G
50V
470
± 5%
0.80 ± 0.10
CGA3E2C0G1H561J
C0G
50V
560
± 5%
0.80 ± 0.10
CGA3E2C0G1H681J
C0G
50V
680
± 5%
0.80 ± 0.10
CGA3E2C0G1H821J
C0G
50V
820
± 5%
0.80 ± 0.10
CGA3E2C0G1H102J
C0G
50V
1,000
± 5%
0.80 ± 0.10
CGA3E2C0G1H122J
C0G
50V
1,200
± 5%
0.80 ± 0.10
CGA3E2C0G1H152J
C0G
50V
1,500
± 5%
0.80 ± 0.10
CGA3E2C0G1H182J
C0G
50V
1,800
± 5%
0.80 ± 0.10
CGA3E2C0G1H222J
C0G
50V
2,200
± 5%
0.80 ± 0.10
CGA3E2C0G1H272J
C0G
50V
2,700
± 5%
0.80 ± 0.10
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to 125ºC, 0±30 ppm/ºC)


Similar Part No. - CGA6J2C0G1H223J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA6J2C0G1H223J125AA TDK-CGA6J2C0G1H223J125AA Datasheet
131Kb / 1P
   Automotive Grade ( General (Up to 50V) )
CGA6J2C0G1H223J125AA TDK-CGA6J2C0G1H223J125AA Datasheet
878Kb / 23P
   MULTILAYER CERAMIC CHIP CAPACITORS
March 2021
CGA6J2C0G1H223J125AA TDK-CGA6J2C0G1H223J125AA_17 Datasheet
185Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CGA6J2C0G1H223J

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMA NIC-NMA Datasheet
158Kb / 12P
   Automotive Grade Ceramic Chip Capacitors
logo
Kemet Corporation
T499X227M010ATE500 KEMET-T499X227M010ATE500_16 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??Automotive Grade
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com