Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA216S25IR48EV1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISLA216S25IR48EV1Z
Description  16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216S25IR48EV1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISLA216S25IR48EV1Z Datasheet HTML 1Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 2Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 3Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 4Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 5Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA216S25IR48EV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ISLA216S
5
FN7996.0
February 2, 2012
Absolute Maximum Ratings
Thermal Information
AVDD to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
OVDD to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
AVSS to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
Analog Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Clock Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Logic Input to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Logic Inputs to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Latchup (Tested per JESD-78C;Class 2,Level A) . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
48 Ld QFN (Notes 3, 4, 5) . . . . . . . . . . . . . .
24
0.4
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
NOTES:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
5. For solder stencil layout and reflow guidelines, please see Tech Brief TB389.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V,
TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply
over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
ISLA216S25
ISLA216S20
ISLA216S13
UNITS
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)
MIN
(Note 6) TYP
MAX
(Note 6)
DC SPECIFICATIONS
Analog Input
Full-Scale Analog Input
Range
VFS
Differential
1.95
2.14
2.22
1.95
2.08
2.22
1.95
2.03
2.22
VP-P
Input Resistance
RIN
Differential
300
300
300
Ω
Input Capacitance
CIN
Differential
10.7
10.7
10.7
pF
Full Scale Range Temp.
Drift
AVTC
Full Temp
145
124
68
ppm/°C
Input Offset Voltage
VOS
-5.0
±1
5.0
-5.0
±1
5.0
-5.0
±1
5.0
mV
Gain Error
EG
11
1
%
Common-Mode Output
Voltage
VCM
0.94
0.94
0.94
V
Common Mode Input
Current (per pin)
ICM
12.0
12.0
12.0
µA/MSPS
Clock Inputs
Inputs Common Mode
Voltage
0.9
0.9
0.9
V
CLKP, CLKN Swing
1.8
1.8
1.8
V
Power Requirements
1.8V Analog Supply
Voltage
AVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.8
V
1.8V Digital Supply
Voltage
OVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.8
V
1.8V Analog Supply
Current
IAVDD
354
378
325
349
283
306
mA
1.8V Digital Supply
Current
IOVDD
139
152
128
140
109
122
mA


Similar Part No. - ISLA216S25IR48EV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA216S25IR48EV1Z RENESAS-ISLA216S25IR48EV1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA216S25IR48EV1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com