Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA216S20IR1Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISLA216S20IR1Z
Description  16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216S20IR1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISLA216S20IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 10Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 11Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 12Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 13Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ISLA216S
10
FN7996.0
February 2, 2012
FIGURE 5. SNR AND SFDR vs AIN
FIGURE 6. HD2 AND HD3 vs AIN
FIGURE 7. SNR AND SFDR vs fSAMPLE
FIGURE 8. HD2 AND HD3 vs fSAMPLE
FIGURE 9. POWER vs fSAMPLE
FIGURE 10. DIFFERENTIAL NONLINEARITY
Typical Performance Curves (Continued)
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C,
AIN =-2dBFS, fIN = 105MHz, fSAMPLE = 250MSPS. (Continued)
0
20
40
60
80
100
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-60-50
-40-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
HD2 (dBc)
HD3 (dBFS)
HD2 (dBFS)
HD3 (dBc)
60
65
70
75
80
85
90
100
120
140
160
180
200
220
240
260
280
SAMPLE RATE (MSPS)
SFDR
SNR
-110
-105
-100
-95
-90
-85
-80
-75
100
120
140
160
180
200
220
240
260
280
SAMPLE RATE (MSPS)
HD3
HD2
0
100
200
300
400
500
600
700
800
900
1000
100
120
140
160
180
200
220
240
260
SAMPLE RATE (MSPS)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
10000
20000
30000
40000
50000
60000
CODE


Similar Part No. - ISLA216S20IR1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216S20IR1Z INTERSIL-ISLA216S20IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Renesas Technology Corp
ISLA216S20IR1Z RENESAS-ISLA216S20IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
More results

Similar Description - ISLA216S20IR1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com