Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF164-70-4E-EK Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST32HF164-70-4E-EK
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF164-70-4E-EK Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST32HF164-70-4E-EK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF164-70-4E-EK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF164-70-4E-EK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF164-70-4E-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF164-70-4E-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF164-70-4E-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF164-70-4E-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF164-70-4E-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF164-70-4E-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2001 Silicon Storage Technology, Inc.
S71171-05-000
8/01
520
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF and ComboMemory are trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
MPF + SRAM ComboMemory
– SST32HF802: 512K x16 Flash + 128K x16 SRAM
– SST32HF162: 1M x16 Flash + 128K x16 SRAM
– SST32HF164: 1M x16 Flash + 256K x16 SRAM
Single 2.7-3.3V Read and Write Operations
Concurrent Operation
– Read from or write to SRAM while
Erase/Program Flash
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption:
– Active Current: 15 mA (typical) for
Flash or SRAM Read
– Standby Current: 20 µA (typical)
Flexible Erase Capability
– Uniform 2 KWord sectors
– Uniform 32 KWord size blocks
Fast Read Access Times:
– Flash: 70 ns and 90 ns
– SRAM: 70 ns and 90 ns
Latched Address and Data for Flash
Flash Fast Erase and Word-Program:
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Word-Program Time: 14 µs (typical)
– Chip Rewrite Time:
SST32HF802: 8 seconds (typical)
SST32HF162/164: 15 seconds (typical)
Flash Automatic Erase and Program Timing
– Internal VPP Generation
Flash End-of-Write Detection
– Toggle Bit
– Data# Polling
CMOS I/O Compatibility
JEDEC Standard Command Set
Package Available
– 48-lead TSOP (12mm x 20mm)
– 48-ball TBGA (10mm x 12mm)
PRODUCT DESCRIPTION
The SST32HF802/162/164 ComboMemory devices inte-
grate a 512K x16 or 1M x16 CMOS flash memory bank
with a 128K x16 or 256K x16 CMOS SRAM memory bank
in a Multi-Chip Package (MCP), manufactured with SST’s
proprietary, high performance SuperFlash technology.
Featuring high performance Word-Program, the flash
memory bank provides a maximum Word-Program time of
14 µsec. The entire flash memory bank can be erased and
programmed word-by-word in typically 8 seconds for the
SST32HF802 and 15 seconds for the SST32HF162/164,
when using interface features such as Toggle Bit or Data#
Polling to indicate the completion of Program operation. To
protect against inadvertent flash write, the SST32HF802/
162/164 devices contain on-chip hardware and software
data
protection
schemes.The
SST32HF802/162/164
devices offer a guaranteed endurance of 10,000 cycles.
Data retention is rated at greater than 100 years.
The SST32HF802/162/164 devices consist of two inde-
pendent memory banks with respective bank enable sig-
nals. The Flash and SRAM memory banks are
superimposed in the same memory address space. Both
memory banks share common address lines, data lines,
WE# and OE#. The memory bank selection is done by
memory bank enable signals. The SRAM bank enable sig-
nal, BES# selects the SRAM bank. The flash memory
bank enable signal, BEF# selects the flash memory bank.
The WE# signal has to be used with Software Data Protec-
tion (SDP) command sequence when controlling the Erase
and Program operations in the flash memory bank. The
SDP command sequence protects the data stored in the
flash memory bank from accidental alteration.
The SST32HF802/162/164 provide the added functionality
of being able to simultaneously read from or write to the
SRAM bank while erasing or programming in the flash
memory bank. The SRAM memory bank can be read or
written while the flash memory bank performs Sector-
Erase, Bank-Erase, or Word-Program concurrently. All
flash memory Erase and Program operations will automati-
cally latch the input address and data signals and complete
the operation in background without further input stimulus
requirement. Once the internally controlled erase or pro-
gram cycle in the flash bank has commenced, the SRAM
bank can be accessed for read or write.
The SST32HF802/162/164 devices are suited for applica-
tions that use both flash memory and SRAM memory to
store code or data. For systems requiring low power and
small form factor, the SST32HF802/162/164 devices signif-
icantly improve performance and reliability, while lowering
power consumption, when compared with multiple chip
solutions. The SST32HF802/162/164 inherently use less
energy during erase and program than alternative flash
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF802 / SST32HF162 / SST32HF164
SST32HF802 / 162 / 164MPF (x16) + 1Mb SRAM (x16) ComboMemories


Similar Part No. - SST32HF164-70-4E-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641C SST-SST32HF1641C Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1642-70-4C-LFS SST-SST32HF1642-70-4C-LFS Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1642-70-4C-LFSE SST-SST32HF1642-70-4C-LFSE Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
More results

Similar Description - SST32HF164-70-4E-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com