Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R1222801V9AX Datasheet(PDF) 11 Page - Intersil Corporation

Part # 5962R1222801V9AX
Description  Rad Hard 40V Quad Precision Low Power Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R1222801V9AX Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 5962R1222801V9AX Datasheet HTML 7Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 8Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 9Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 10Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 11Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 12Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 13Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 14Page - Intersil Corporation 5962R1222801V9AX Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ISL70417SEH
11
July 2, 2012
FN7962.0
FIGURE 21. VOUT vs TEMPERATURE
FIGURE 22. VOUT vs TEMPERATURE
FIGURE 23. INPUT NOISE VOLTAGE 0.1Hz to 10Hz
FIGURE 24. INPUT NOISE VOLTAGE SPECTRAL DENSITY
FIGURE 25. INPUT NOISE CURRENT SPECTRAL DENSITY
FIGURE 26. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL =10kΩ,
CL = 10pF
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C, unless otherwise specified. (Continued)
TEMPERATURE (°C)
-70
-50
-30
-10
10
30
50
70
90
110
130
13.1
13.2
13.3
13.4
13.5
13.6
13.7
13.8
13.9
14.0
14.1
14.2
VS = +15V
RL = 2kΩ
TEMPERATURE (°C)
-70
-50
-30
-10
10
30
50
70
90
110
130
-14.2
-14.1
-14.0
-13.9
-13.8
-13.7
-13.6
-13.5
-13.4
-13.3
-13.2
-13.1
VS = +15V
RL = 2kΩ
TIME (s)
01234567
89
10
-250
-200
-150
-100
-50
0
50
100
150
200
250
V+ = 36.4V
Rg = 10, Rf = 100k
AV = 10,000
FREQUENCY (Hz)
1
10
100
1
10
100
1k
10k
100k
VS = ±18.2V
AV = 1
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1
0.1
VS = ±18.2V
AV = 1
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m
1
10
100
1k
10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 10pF
GAIN
PHASE


Similar Part No. - 5962R1222801V9AX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R1222201V9A INTERSIL-5962R1222201V9A Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
5962R1222201V9A RENESAS-5962R1222201V9A Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
logo
Intersil Corporation
5962R1222201VXC INTERSIL-5962R1222201VXC Datasheet
1Mb / 20P
   Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
5962R1222201VXC RENESAS-5962R1222201VXC Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
logo
Intersil Corporation
5962R1222301V9A INTERSIL-5962R1222301V9A Datasheet
1Mb / 18P
   36V Rad Hard Dual Precision Operational Amplifier
More results

Similar Description - 5962R1222801V9AX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
   19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com