Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70417SEH Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL70417SEH
Description  Rad Hard 40V Quad Precision Low Power Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70417SEH Datasheet(HTML) 1 Page - Intersil Corporation

  ISL70417SEH Datasheet HTML 1Page - Intersil Corporation ISL70417SEH Datasheet HTML 2Page - Intersil Corporation ISL70417SEH Datasheet HTML 3Page - Intersil Corporation ISL70417SEH Datasheet HTML 4Page - Intersil Corporation ISL70417SEH Datasheet HTML 5Page - Intersil Corporation ISL70417SEH Datasheet HTML 6Page - Intersil Corporation ISL70417SEH Datasheet HTML 7Page - Intersil Corporation ISL70417SEH Datasheet HTML 8Page - Intersil Corporation ISL70417SEH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Rad Hard 40V Quad Precision Low Power Operational
Amplifiers
ISL70417SEH
The ISL70417SEH contains four very high precision amplifiers
featuring the perfect combination of low noise vs power
consumption. Low offset voltage, low IBIAS current and low
temperature drift making them the ideal choice for applications
requiring both high DC accuracy and AC performance. The
combination of high precision, low noise, low power and small
footprint provides the user with outstanding value and flexibility
relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL70417SEH is offered in a 14 lead hermetic ceramic
flatpack package. The device is offered in an industry standard
pin configuration and operates over the extended temperature
range from -55°C to +125°C.
Applications
• Precision Instrumentation
• Spectral Analysis Equipment
• Active Filter Blocks
• Thermocouples and RTD Reference Buffers
• Data Acquisition
• Power Supply Control
Features
• Electrically Screened to DLA SMD# 5962-12228
• Low Input Offset Voltage . . . . . . . . . . . . . . . . . . ±110µV, Max.
• Superb Offset Temperature Coefficient . . . . . . 1µV/°C, Max.
• Input Bias Current. . . . . . . . . . . . . . . . . . . . . . . . . . ±5nA, Max.
• Input Bias Current TC . . . . . . . . . . . . . . . . . . . . ±5pA/°C, Max.
• Low Current Consumption . . . . . . . . . . . . . . . . . . . . . . . 440µA
• Voltage Noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8nV/
√Hz
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Operating Temperature Range. . . . . . . . . . .-55°C to +125°C
• Radiation Environment
- SEL/SEB LETTH (VS = ±20V). . . . . . . . . 73.9 MeV•cm2/mg
- Total Dose, High Dose Rate . . . . . . . . . . . . . . . 300krad(Si)
- Total Dose, Low Dose Rate . . . . . . . . . . . . . . . 100krad(Si) *
* Product capability established by initial characterization. The
EH version is acceptance tested on a wafer by wafer basis to
50krad(Si) at low dose rate.
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. VOS SHIFT vs HIGH DOSE RATE RADIATION
-
+
OUTPUT
V+
R1
V-
R2
C1
C2
SALLEN-KEY LOW PASS FILTER (fC = 10kHz)
VIN
1.84k
4.93k
3.3nF
8.2nF
ISL70417SEH
0
50
100
150
200
250
300
krad(Si)
-8
-6
-4
-2
0
2
4
6
GND
BIAS
VS = ±15V
July 2, 2012
FN7962.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL70417SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
ISL70417SEHEVAL1Z RENESAS-ISL70417SEHEVAL1Z Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
ISL70417SEHF/PROTO RENESAS-ISL70417SEHF/PROTO Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
ISL70417SEHVF RENESAS-ISL70417SEHVF Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
ISL70417SEHVX RENESAS-ISL70417SEHVX Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
More results

Similar Description - ISL70417SEH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
   Rad-hard precision quad operational amplifier
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
   19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com