Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29043IROMZ-EVALZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL29043IROMZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29043IROMZ-EVALZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL29043IROMZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL29043
7
FN7935.0
February 9, 2012
Register Descriptions
TABLE 2. REGISTER 0x00 (RESERVED)
BIT #
ACCESS
DEFAULT
NAME
FUNCTION/OPERATION
7:0
RO
(n/a)
(n/a)
Reserved - no need to read or write
TABLE 3. REGISTER 0x01 (CONFIGURE) - PROX/ALS CONFIGURATION
BIT #
ACCESS
DEFAULT
NAME
FUNCTION/OPERATION
7RW
0x00
PROX_EN
(Prox Enable)
When = 0, proximity sensing is disabled
When = 1, continuous proximity sensing is enabled. Prox data will be ready 0.54ms after this
bit is set high
6:4
RW
0x00
PROX_SLP
(Prox Sleep)
For bits 6:4 = (see the following)
111; sleep time between prox IR LED pulses is 0.0ms (run continuously)
110; sleep time between prox IR LED pulses is 12.5ms
101; sleep time between prox IR LED pulses is 50ms
100; sleep time between prox IR LED pulses is 75ms
011; sleep time between prox IR LED pulses is 100ms
010; sleep time between prox IR LED pulses is 200ms
001; sleep time between prox IR LED pulses is 400ms
000; sleep time between prox IR LED pulses is 800ms
3RW
0x00
PROX_DR
(Prox Drive)
When = 0, IRDR behaves as a pulsed 110mA current sink
When = 1, IRDR behaves as a pulsed 220mA current sink
2RW
0x00
ALS_EN
(ALS Enable)
When = 0, ALS/IR sensing is disabled
When = 1, continuous ALS/IR sensing is enabled with new data ready every 100ms
1RW
0x00
ALS_RANGE
(ALS Range)
When = 0, ALS is in low-lux range
When = 1, ALS is in high-lux range
0RW
0x00
ALSIR_MODE
(ALSIR Mode)
When = 0, ALS/IR data register contains visible ALS sensing data
When = 1, ALS/IR data register contains IR spectrum sensing data
TABLE 4. REGISTER 0x02 (INTERRUPT) - PROX/ALS INTERRUPT CONTROL
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7FLAG
0x00
PROX_FLAG
(Prox Flag)
When = 0, no Prox interrupt event has occurred since power-on or last “clear”
When = 1, a Prox interrupt event occurred. Clearable by writing “0”
6:5
RW
0x00
PROX_PRST
(Prox Persist)
For bits 6:5 = (see the following)
00; set PROX_FLAG if 1 conversion result trips the threshold value
01; set PROX_FLAG if 4 conversion results trip the threshold value
10; set PROX_FLAG if 8 conversion results trip the threshold value
11; set PROX_FLAG if 16 conversion results trip the threshold value
4RW
0x00
Unused
(Write 0)
Unused register bit - write 0
3FLAG
0x00
ALS_FLAG
(ALS FLAG)
When = 0, no ALS interrupt event has occurred since power-on or last “clear”
When = 1, an ALS interrupt event occurred. Clearable by writing “0”
2:1
RW
0x00
ALS_PRST
(ALS Persist)
For bits 2:1 = (see the following)
00; set ALS_FLAG if 1 conversion is outside the set window
01; set ALS_FLAG if 4 conversions are outside the set window
10; set ALS_FLAG if 8 conversions are outside the set window
11; set ALS_FLAG if 16 conversions are outside the set window
0RW
0x00
INT_CTRL
(Interrupt Control)
When = 0, set INT pin low if PROX_FLAG or ALS_FLAG high (logical OR)
When = 1, set INT pin low if PROX_FLAG and ALS_FLAG high (logical AND)
TABLE 5. REGISTER 0x03 (PROX_LT) - INTERRUPT LOW THRESHOLD FOR PROXIMITY SENSOR
BIT #
ACCESS
DEFAULT
BIT NAME
FUNCTION/OPERATION
7:0
RW
0x00
PROX_LT
(Prox Threshold)
8-bit interrupt low threshold for
proximity sensing


Similar Part No. - ISL29043IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29043IROMZ-EVALZ INTERSIL-ISL29043IROMZ-EVALZ Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043IROMZ-EVALZ RENESAS-ISL29043IROMZ-EVALZ Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results

Similar Description - ISL29043IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044AIROMZ-T7 INTERSIL-ISL29044AIROMZ-T7 Datasheet
610Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044IROMZ-T7 INTERSIL-ISL29044IROMZ-T7 Datasheet
533Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com