Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29043IROMZ-EVALZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL29043IROMZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29043IROMZ-EVALZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL29043IROMZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29043IROMZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL29043
4
FN7935.0
February 9, 2012
tPULSE
Net IIRDR On Time Per PROX Reading
100
µs
VREF
Voltage of REXT Pin
0.52
V
FI2C
I2C Clock Rate Range
400
kHz
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
ISDA
SDA Current Sinking Capability
VOL = 0.4V
3
5
mA
IINT
INT Current Sinking Capability
VOL = 0.4V
3
5
mA
PSRRIRDR
(
ΔIIRDR)/(ΔVIRDR)
PROX_DR = 0; VIRDR = 0.5V to 4.3V
3
mA/V
NOTES:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
8. An 850nm infrared LED is used to test PROX/IR sensitivity in an internal test mode.
9. Ability to guarantee IIRDR leakage of ~1nA is limited by test hardware.
10. For ALS applications under light-distorting glass, please see the section titled “ALS Range 1 Considerations” on page 10.
Electrical Specifications VDD = 3.0V, TA = +25°C, REXT = 499kΩ 1% tolerance. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 7) TYP
MAX
(Note 7) UNIT
IR-LED Specifications TA = +25°C
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VF
IR-LED Forward Voltage Drop
IF = 100mA
1.6
V
IF = 200mA
1.8
V
IR
IR-LED Reverse-Bias Current
VR = 5.5V
5
µA
λP
IR-LED Peak Output Wavelength
IF = 100mA
855
nm
Δλ
IR-LED Spectral Half-Width
IF = 100mA
30
nm
ΦE
IR-LED Radiant Power
IF = 100mA
27
mW
I
IR-LED Radiant Intensity (in 0.01sr)
IF = 100mA
10
mW/sr
I2C Electrical Specifications For SCL and SDA unless otherwise noted, VDD = 3V, TA = +25°C, REXT = 499kΩ 1% tolerance
(Note 11).
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 7)
TYP
MAX
(Note 7) UNIT
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V
fSCL
SCL Clock Frequency
400
kHz
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
Vhys
Hysteresis of Schmitt Trigger Input
0.05VDD
V
VOL
Low-level Output Voltage (Open-drain) at 4mA Sink
Current
0.4
V
Ii
Input Leakage for each SDA, SCL Pin
-10
10
µA
tSP
Pulse Width of Spikes that must be Suppressed by
the Input Filter
50
ns
tAA
SCL Falling Edge to SDA Output Data Valid
900
ns
Ci
Capacitance for each SDA and SCL Pin
10
pF


Similar Part No. - ISL29043IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29043IROMZ-EVALZ INTERSIL-ISL29043IROMZ-EVALZ Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043IROMZ-EVALZ RENESAS-ISL29043IROMZ-EVALZ Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results

Similar Description - ISL29043IROMZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044AIROMZ-T7 INTERSIL-ISL29044AIROMZ-T7 Datasheet
610Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044IROMZ-T7 INTERSIL-ISL29044IROMZ-T7 Datasheet
533Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com