Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS53851 Datasheet(PDF) 41 Page - Texas Instruments

Part No. TPS53851
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53851 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TPS53851 Datasheet HTML 37Page - Texas Instruments TPS53851 Datasheet HTML 38Page - Texas Instruments TPS53851 Datasheet HTML 39Page - Texas Instruments TPS53851 Datasheet HTML 40Page - Texas Instruments TPS53851 Datasheet HTML 41Page - Texas Instruments TPS53851 Datasheet HTML 42Page - Texas Instruments TPS53851 Datasheet HTML 43Page - Texas Instruments TPS53851 Datasheet HTML 44Page - Texas Instruments TPS53851 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
M_CH1
M_CH2
S2_CH1
S1_CH2
S2_CH2
S3_CH1
S4_CH1
S3_CH2
S4_CH2
Phase
S1_CH1
S5_CH2
NOT USED
S5_CH1
NOT USED
M
R
S1
R
S2
S3
S4
ILIM 2 = hi
PHSEL connection
R1
L1
DCR
C1
To CSRTx
To CSx
VOUT
VIN
+
VC
R1 +
L1
DCR
C1
TPS53851
www.ti.com
SLUS985 – DECEMBER 2009
For example, a 10-phase system could be configured as shown in Figure 5-22.
Figure 5-22. Ten-Phase System with slave5 Not Attached
Clocking between the attached slave channels is as shown.
5.29 DESIGN EXAMPLES INFORMATION
5.29.1 INDUCTOR DCR CURRENT SENSE
The preferred method for sampling the output current for the TPS53851 is known as the inductor DCR
method. This is a lossless approach, as opposed to using a discrete current sense resistor which occupies
board area and impacts efficiency as well. The inductor DCR implementation is shown in Figure 5-23.
Figure 5-23. Inductor DCR Current Sense Approach
The inductor L1 consists of inductance, L, and resistance, DCR. The time constant of the inductor: L /
DCR should equal the R1×C1 time constant. Then choosing a value for C1 (0.1
μF is a good choice)
solving for R1 is shown in Equation 16.
(16)
The voltage into the current sense amplifier of the controller , VC, is calculated in Equation 17.
Copyright © 2009, Texas Instruments Incorporated
APPLICATION INFORMATION
41
Submit Documentation Feedback
Product Folder Link(s): TPS53851


Similar Part No. - TPS53851

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819ARGTR TI-TPS53819ARGTR Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819ARGTT TI-TPS53819ARGTT Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
TPS53820 TI1-TPS53820 Datasheet
168Kb / 10P
[Old version datasheet]   Integrated Step-Down Converter with SVID Interface for Intel짰 CPU Power Supply
More results

Similar Description - TPS53851

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz