Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS53851 Datasheet(PDF) 4 Page - Texas Instruments

Part No. TPS53851
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53851 Datasheet(HTML) 4 Page - Texas Instruments

  TPS53851 Datasheet HTML 1Page - Texas Instruments TPS53851 Datasheet HTML 2Page - Texas Instruments TPS53851 Datasheet HTML 3Page - Texas Instruments TPS53851 Datasheet HTML 4Page - Texas Instruments TPS53851 Datasheet HTML 5Page - Texas Instruments TPS53851 Datasheet HTML 6Page - Texas Instruments TPS53851 Datasheet HTML 7Page - Texas Instruments TPS53851 Datasheet HTML 8Page - Texas Instruments TPS53851 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
TPS53851
SLUS985 – DECEMBER 2009
www.ti.com
2
DEVICE RATINGS
2.1
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD, UVLO_CE1 and UVLO_CE2
≤ VDD
–0.3 to 16
SW1, SW2
–1 to 44
Input voltage range
SW1, SW2, transient < 50ns
–5
V
BOOT1, BOOT2, HDRV1, HDRV2
VSW + 6.0
All other pins
–0.3 to 6.0
Output current
RT
200
μA
Junction Temperature, TJ
Operating
–40 to 125
°C
Junction Temperature, TJ
Storage
–55 to 150
°C
2.2
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD, UVLO_CE1 and UVLO_CE2
≤ VDD
–0.3
15
SW1, SW2
–1
40
Input voltage
V
BOOT1, BOOT2, HDRV1, HDRV2
VS W+5.5
All other pins
–0.3
5.5
Maximum output current
RT
25
μA
Operating free-air temperature
–40
85
°C
2.3
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
PARAMETER
MIN
TYP
MAX
UNIT
Human body model
3000
V
CDM
1500
V
2.4
PACKAGE DISSIPATION RATINGS
(1)
THERMAL IMPEDANCE
TA = 25°C POWER RATING (W)
TA = 85°C POWER RATING (W)
JUNCTION-TO-AMBIENT (°C/W)
48
2
0.8
(1)
For more information on the RHH package and the test method, refer to TI technical brief, literature number SLUA271.
4
DEVICE RATINGS
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TPS53851


Similar Part No. - TPS53851

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819ARGTR TI-TPS53819ARGTR Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819ARGTT TI-TPS53819ARGTT Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
TPS53820 TI1-TPS53820 Datasheet
168Kb / 10P
[Old version datasheet]   Integrated Step-Down Converter with SVID Interface for Intel짰 CPU Power Supply
More results

Similar Description - TPS53851

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz