Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS53851 Datasheet(PDF) 35 Page - Texas Instruments

Part No. TPS53851
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53851 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS53851 Datasheet HTML 31Page - Texas Instruments TPS53851 Datasheet HTML 32Page - Texas Instruments TPS53851 Datasheet HTML 33Page - Texas Instruments TPS53851 Datasheet HTML 34Page - Texas Instruments TPS53851 Datasheet HTML 35Page - Texas Instruments TPS53851 Datasheet HTML 36Page - Texas Instruments TPS53851 Datasheet HTML 37Page - Texas Instruments TPS53851 Datasheet HTML 38Page - Texas Instruments TPS53851 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
CLKIO
PHSEL
20 mA
R2
R1
TPS53851
MASTER
SLAVE1
CLKIO
PHSEL
TPS53851
SLAVE2
CLKIO
PHSEL
TPS53851
10 kW
TPS53851
www.ti.com
SLUS985 – DECEMBER 2009
5.27.3.3 Three Devices Operation
To increase the total current capability to six phases, or to increase the number of outputs, two slave
controllers can be added as shown in Figure 5-16. In this configuration for perfect interleaving, the master
and slaves are 120° out of phase. The CLKIO signal has six clocks for each cycle of the switching period;
therefore, the switching period is reduced. In this six-phase mode, the switching frequency is increased
33%.
Figure 5-16. Master Controller and Two Slave Controllers, Six Phases
In this configuration, the master senses that there are two slave controllers, and distributes a six-phase
CLKIO signal. The slave controllers sense the voltage on their PHSEL pins, and delay the proper number
of CLKIO pulses to be 60° or 120° out of phase with the master.
Copyright © 2009, Texas Instruments Incorporated
APPLICATION INFORMATION
35
Submit Documentation Feedback
Product Folder Link(s): TPS53851


Similar Part No. - TPS53851

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819ARGTR TI-TPS53819ARGTR Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819ARGTT TI-TPS53819ARGTT Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
TPS53820 TI1-TPS53820 Datasheet
168Kb / 10P
[Old version datasheet]   Integrated Step-Down Converter with SVID Interface for Intel짰 CPU Power Supply
More results

Similar Description - TPS53851

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz