Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS53851 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS53851
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53851 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS53851 Datasheet HTML 15Page - Texas Instruments TPS53851 Datasheet HTML 16Page - Texas Instruments TPS53851 Datasheet HTML 17Page - Texas Instruments TPS53851 Datasheet HTML 18Page - Texas Instruments TPS53851 Datasheet HTML 19Page - Texas Instruments TPS53851 Datasheet HTML 20Page - Texas Instruments TPS53851 Datasheet HTML 21Page - Texas Instruments TPS53851 Datasheet HTML 22Page - Texas Instruments TPS53851 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
+
VOUT
GSNS
DIFFO
30 kW
30 kW
30 kW
30 kW
COMP
+
0.7 V
VOUT
RBIAS
VFB
R1
TPS53851
www.ti.com
SLUS985 – DECEMBER 2009
5.6
TRACK FUNCTION IN CONFIGURING A SLAVE CHANNEL
The TRACKx pin is internally clamped to 2.4 V. To configure a channel as a slave, the TRACKx pin is
pulled up externally to 5 V. This configures the output of the error amplifier, COMPx, for that channel to be
a high impedance, allowing the master COMP signal to control the slave channel.
5.7
DIFFERENTIAL AMPLIFER, U9
The unity gain differential amplifier has high bandwidth to achieve improved regulation at user defined
point of load and ease layout constrains. The output voltage is sensed between the VOUT and GSNS
pins. The output voltage programming divider is connected to the output of the amplifier, the DIFFO pin.
Figure 5-4. Differential Amplifier Configuration
DESIGN HINT: Because of the resistor configuration of the differential amplifier, the input impedance must
be kept very low or errors result in setting the output voltage.
5.8
POWER GOOD
The PGOOD1, PGOOD2 pins indicate when the inputs and output are within their specified ranges of
operation. Also monitored are the UVLO_CE1, UVLO_CE2 and TRK1 and TRK2 pins. The PGOOD has a
high impedance when indicating inputs and outputs are within specified limits and is pulled low to indicate
an out of limits condition. The PGOOD signal is held low until the respective TRK1 or TRK2 pin voltages
exceed 1.4 V, then the undervoltage, overcurrent or overtemperature controls the state of PGOOD.
5.9
SETTING THE OUTPUT VOLTAGE
Two resistors, R1 and RBIAS sets the output voltage as shown in Figure 5-5.
Figure 5-5. Setting the Output Voltage with RBIAS
RBIAS is calculated in Equation 4.
Copyright © 2009, Texas Instruments Incorporated
APPLICATION INFORMATION
19
Submit Documentation Feedback
Product Folder Link(s): TPS53851


Similar Part No. - TPS53851

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819ARGTR TI-TPS53819ARGTR Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819ARGTT TI-TPS53819ARGTT Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
TPS53820 TI1-TPS53820 Datasheet
168Kb / 10P
[Old version datasheet]   Integrated Step-Down Converter with SVID Interface for Intel짰 CPU Power Supply
More results

Similar Description - TPS53851

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
ON Semiconductor
ON Semiconductor
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
Microchip Technology
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
Texas Instruments
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com