Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53219ARGTT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53219ARGTT
Description  Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53219ARGTT Datasheet(HTML) 5 Page - Texas Instruments

  TPS53219ARGTT Datasheet HTML 1Page - Texas Instruments TPS53219ARGTT Datasheet HTML 2Page - Texas Instruments TPS53219ARGTT Datasheet HTML 3Page - Texas Instruments TPS53219ARGTT Datasheet HTML 4Page - Texas Instruments TPS53219ARGTT Datasheet HTML 5Page - Texas Instruments TPS53219ARGTT Datasheet HTML 6Page - Texas Instruments TPS53219ARGTT Datasheet HTML 7Page - Texas Instruments TPS53219ARGTT Datasheet HTML 8Page - Texas Instruments TPS53219ARGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS53219A
www.ti.com
SLUSAU4
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VDD = 12 V (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC THRESHOLD AND SETTING CONDITIONS
–40°C ≤ TA≤ 85°C
1.8
EN voltage threshold enable
VEN
0
°C ≤ TA≤ 85°C
1.7
V
EN voltage threshold disable
0.5
IEN
EN input current
VEN = 5 V
1.0
µA
RRF = 0 Ω to GND, TA = 25°C
(1)
200
250
300
RRF = 187 kΩ to GND, TA = 25°C
(1)
250
300
350
RRF = 619 kΩ to GND, TA = 25°C
(1)
350
400
450
RRF = Open, TA = 25°C
(1)
450
500
550
fSW
Switching frequency
kHz
RRF = 866 kΩ to VREG, TA = 25°C
(1)
580
650
720
RRF = 309 kΩ to VREG, TA = 25°C
(1)
670
750
820
RRF = 124 kΩ to VREG, TA = 25°C
(1)
770
850
930
RRF = 0 Ω to VREG, TA = 25°C
(1)
880
970
1070
VO DISCHARGE
IDischg
VO discharge current
VEN = 0 V, VSW = 0.5 V
5
13
mA
PROTECTION: CURRENT SENSE
ITRIP
TRIP source current
VTRIP = 1 V, TA = 25°C
9
10
11
µA
TCITRIP
TRIP current temp. coef.
TA = 25°C
(2)
4700
ppm/
°C
VTRIP
Current limit threshold setting range VTRIP-GND voltage
0.2
3
V
VTRIP = 3.0 V
355
375
395
VOCL
Current limit threshold
VTRIP = 1.6 V
185
200
215
mV
VTRIP = 0.2 V
17
25
33
VTRIP = 3.0 V
–406
–375
–355
VOCLN
Negative current limit threshold
VTRIP = 1.6 V
–215
–200
–185
mV
VTRIP = 0.2 V
–33
–25
–17
Positive
3
15
VAZC(adj)
Auto zero cross adjustable range
mV
Negative
–15
–3
PROTECTION: UVP AND OVP
VOVP
OVP trip threshold voltage
OVP detect
115%
120%
125%
tOVP(del)
OVP propagation delay time
VFB delay with 50-mV overdrive
1
µs
VUVP
Output UVP trip threshold voltage
UVP detect
65%
70%
75%
tUVP(del)
Output UVP propagation delay time
0.8
1
1.2
ms
tUVP(en)
Output UVP enable delay time
from EN to UVP workable, RMODE = 39 kΩ
2.00
2.55
3.00
ms
UVLO
Wake up
4.00
4.18
4.50
VUVVREG
VREG UVLO threshold
V
Hysteresis
0.25
THERMAL SHUTDOWN
Shutdown temperature(2)
145
TSDN
Thermal shutdown threshold
°C
Hysteresis(2)
10
(1)
Not production tested. Test conditions are VIN = 12 V, VOUT = 1.1 V, IOUT =10 A and using the application circuit shown in Figure 17 and
Figure 18.
(2)
Ensured by design. Not production tested
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS53219A


Similar Part No. - TPS53219ARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53219ARGTT TI1-TPS53219ARGTT Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
More results

Similar Description - TPS53219ARGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53219RGTT TI-TPS53219RGTT Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode, Single Synchronous Step-Down Controller
TPS53219 TI-TPS53219 Datasheet
860Kb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
logo
Monolithic Power System...
EV2908A-F-01A MPS-EV2908A-F-01A Datasheet
677Kb / 8P
   Wide Input, Current Mode Synchronous Step-Down Controller Evaluation Board
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
logo
Exar Corporation
SP6137 EXAR-SP6137 Datasheet
733Kb / 15P
   Wide Input, 900kHz Synchronous PWM Step Down Controller
SP6139 EXAR-SP6139 Datasheet
733Kb / 16P
   Wide Input, 1.3MHz Synchronous PWM Step Down Controller
logo
uPI Group Inc.
UP9625 UPI-UP9625 Datasheet
352Kb / 16P
   Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
UP9620 UPI-UP9620 Datasheet
338Kb / 16P
   Wide Input Voltage, High Performance, Single Synchronous Step-Down Converter
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com