Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53313 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53313
Description  6-A Step-Down Regulator with Integrated Switcher
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53313 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53313 Datasheet HTML 1Page - Texas Instruments TPS53313 Datasheet HTML 2Page - Texas Instruments TPS53313 Datasheet HTML 3Page - Texas Instruments TPS53313 Datasheet HTML 4Page - Texas Instruments TPS53313 Datasheet HTML 5Page - Texas Instruments TPS53313 Datasheet HTML 6Page - Texas Instruments TPS53313 Datasheet HTML 7Page - Texas Instruments TPS53313 Datasheet HTML 8Page - Texas Instruments TPS53313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS53313
VIN
SW
VIN
Output All MLCCs
UDG-11254
CBST
PG
FB
COMP
BP7
AGND
RT/SYNC
EN
MODE/SS
VBST
PowerPad
PGND
BP3
VIN
VOUT
EN
PGOOD
TPS53313
www.ti.com
SLUSAS8
– DECEMBER 2011
6-A Step-Down Regulator with Integrated Switcher
Check for Samples: TPS53313
1
FEATURES
LOW VOLTAGE APPLICATIONS
2
4.5-V to 16-V Conversion Voltage Range
POL Applications for 5-V or 12-V Step-Down
Rail
Adjustable Output Voltage Ranging from 0.6 V
to 0.7
×VIN
DESCRIPTION
Continuous 6-A Output Current
TPS53313 provides a 5-V or 12-V synchronous buck
Supports All MLCC Output Capacitors
converter that integrates two N-Channel MOSFETs.
Selectable SKIP Mode or Forced CCM
Due to low RDS(on) and TI proprietary SmoothPWM™
skip mode of operation, it optimizes the efficiency at
Selectable Soft-Start Time (1 ms, 3 ms, or 6
light-load condition without compromising the output
ms)
voltage ripple.
Selectable 4-5 A, 6-A or 9-A Peak Current Limit
The TPS53313 features programmable (from 250
Optimized Efficiency at Light and Heavy Loads
kHz to 1.5MHz) switching frequency with selectable
Voltage Mode Control
skip mode or forced CCM mode operation. The
Programmable Switching Frequency from
device
provides
pre-biased
startup,
soft-stop,
integrated bootstrap switch, power good function,
250 kHz to 1.5 MHz
EN/input UVLO protection. It supports input voltages
Synchronizes to External Clock
from 4.5 V to 16 V and no extra bias voltage is
RDS(on) Sensing for Zero Crossing Detection
needed. The output voltage is adjustable from 0.6 V
and Overcurrent Protection
up to 0.7
× VIN.
Soft-Stop Output Discharge During Disable
The TPS53313 is available in a 4 mm
× 4 mm,
Overcurrent, Overvoltage and Undervoltage
24-pin, QFN package (Green RoHs compliant and Pb
Protection with Hiccup
free) and operates between -40
°C and 85°C.
Over-Temperature Protection
Open-Drain, Power Good Indication
Internal Bootstrap Switch
4 mm
× 4 mm, 24-Pin, QFN Package
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SmoothPWM is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTR TI1-TPS53310RGTR Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTT TI1-TPS53310RGTT Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53313

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com