Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCT1413B Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MCT1413B
Description  High Voltage, High Current Darlington Transistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT1413B Datasheet(HTML) 2 Page - Motorola, Inc

  MCT1413B Datasheet HTML 1Page - Motorola, Inc MCT1413B Datasheet HTML 2Page - Motorola, Inc MCT1413B Datasheet HTML 3Page - Motorola, Inc MCT1413B Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCT1413, B
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Leakage Current
(VO = 50 V)
(VO = 50 V, TA = + 85°C)
(VO = 50 V, TA = – 40°C)
MCT1413, B
MCT1413, B
MCT1413B
ICEX
50
100
100
µA
Collector–Emitter Saturation Voltage
(IC = 350 mA, IB = 500 µA)
(IC = 200 mA, IB = 350 µA)
(IC = 100 mA, IB = 250 µA)
(IC = 350 mA, IB = 500 µA, TA = + 85°C, – 40°C)
(IC = 200 mA, IB = 350 µA, TA = + 85°C, – 40°C)
(IC = 100 mA, IB = 250 µA, TA = + 85°C, – 40°C)
MCT1413, B
MCT1413, B
MCT1413, B
MCT1413B
MCT1413B
MCT1413B
VCE(sat)
1.1
0.95
0.85
1.6
1.3
1.1
1.75
1.5
1.3
V
Input Current – ON Condition
(Vin = 3.85 V)
MCT1413, B
Iin
0.93
1.35
mA
Output Voltage – ON Condition
(Vin = 2.4 V, IC = 200 mA)
(Vin = 2.7 V, IC = 250 mA)
(Vin = 3.0 V, IC = 300 mA)
(Vin = 2.7 V, IC = 250 mA, TA = + 85°C, – 40°C)
(Vin = 3.0 V, IC = 300 mA, TA = + 85°C, – 40°C)
MCT1413, B
MCT1413, B
MCT1413, B
MCT1413B
MCT1413B
Vout
2.0
2.0
2.0
2.0
2.0
V
Output Current – OFF Condition
(Iin = 50 µA, Vout = 5.0 V)
(Iin = 50 µA, Vout = 5.0 V, TA = + 85°C)
(Iin = 50 µA, Vout = 5.0 V, TA = – 40°C)
MCT1413, B
MCT1413, B
MCT1413B
Iout
100
500
500
µA
Clamp Diode Leakage Current
(VR = 50 V)
(VR = 50 V, TA = + 85°C)
(VR = 50 V, TA = – 40°C)
MCT1413, B
MCT1413, B
MCT1413B
IR
50
100
100
µA
Clamp Diode Forward Voltage
(IF = 350 mA)
(IF = 350 mA, TA = + 85°C, – 40°C)
MCT1413, B
MCT1413B
VF
1.5
2.0
2.0
V
Figure 1. Representative Schematic Diagram
(1/7 MCT1413, B)
7.2 k
3.0 k
Pin 9
2.7 k
This device contains 14 active transistors.
NOTE: Dotted lines indicate parasitic diodes.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn