Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCT1413B Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MCT1413B
Description  High Voltage, High Current Darlington Transistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT1413B Datasheet(HTML) 1 Page - Motorola, Inc

  MCT1413B Datasheet HTML 1Page - Motorola, Inc MCT1413B Datasheet HTML 2Page - Motorola, Inc MCT1413B Datasheet HTML 3Page - Motorola, Inc MCT1413B Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TA = – 40° to +85°C
MCT1413, B
PERIPHERAL
DRIVER ARRAY
PIN CONNECTIONS
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
SEMICONDUCTOR
TECHNICAL DATA
P SUFFIX
PLASTIC PACKAGE
CASE 648D
16
1
Device
Operating
Temperature Range
ORDERING INFORMATION
MCT1413BP
MCT1413P
(ULN2003A)
TA = – 20° to +85°C
Plastic
Package
Order this document by MCT1413B/D
1
MOTOROLA ANALOG IC DEVICE DATA
High Voltage, High Current
Darlington Transistor Array
The seven NPN Darlington connected transistors in this array are well
suited for driving lamps, relays, or printer hammers in a variety of industrial
and consumer applications. Their high breakdown voltage and internal
suppression diodes insure freedom from problems associated with inductive
loads. Peak inrush currents to 600 mA permit them to drive incandescent
lamps.
The MCT1413, B with a 2.7 k
Ω series input resistor is well suited for
systems utilizing a 5.0 V TTL or CMOS Logic.
This MCT–prefixed device is intended to be a possible replacement for the similar
device with the MC–prefix. Because the MCT device originates from different
source material, there may be subtle differences in typical parameter values or
characteristic curves. Due to the diversity of potential applications, Motorola can not
assure identical performance in all circuits. Motorola recommends that the
customer qualify the MCT–prefixed device in each potential application.
MAXIMUM RATINGS (TA = 25°C and rating apply to any one device in the pack-
age unless otherwise noted.)
Rating
Symbol
Value
Unit
Output Voltage
VO
50
V
Input Voltage
VI
30
V
Collector Current – Continuous
IC
500
mA
Base Current – Continuous
IB
25
mA
Operating Ambient Temperature Range
MCT1413
MCT1413B
TA
– 20 to + 85
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
Junction Temperature
TJ
150
°C
Thermal Resistance – Junction–to–Ambient
θJA
67
°C/W
CAUTION: These devices do not have internal ESD protection circuitry and are rated
as CLASS 1 devices per the ESD test method in Mil–Std–833D. They should be
handled using standard ESD prevention methods to avoid damage to the device.
© Motorola, Inc. 1994


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn