Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53211 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53211
Description  Single-Phase PWM Controller with Light-Load Efficiency Optimization
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53211 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53211 Datasheet HTML 1Page - Texas Instruments TPS53211 Datasheet HTML 2Page - Texas Instruments TPS53211 Datasheet HTML 3Page - Texas Instruments TPS53211 Datasheet HTML 4Page - Texas Instruments TPS53211 Datasheet HTML 5Page - Texas Instruments TPS53211 Datasheet HTML 6Page - Texas Instruments TPS53211 Datasheet HTML 7Page - Texas Instruments TPS53211 Datasheet HTML 8Page - Texas Instruments TPS53211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
9
10
FB
VSEN
TPS53211
UDG-11173
11
12
FBG
CSN
4
3
BOOT
PHASE
2
LGATE
1
VCCDR
15
VCC
16
GND
8
COMP
7
EN
5
6
PGOOD UGATE
13
CSP
14
OSC
PVCC
Enable
Power
Good
VIN
VOUT
TPS53211
www.ti.com
SLUSAA9
– SEPTEMBER 2011
Single-Phase PWM Controller with Light-Load Efficiency Optimization
1
FEATURES
APPLICATIONS
1.5-V to 19-V Conversion Voltage Range
Server and Desktop Computer Subsystem
Power Supplies
4.5-V to 14-V Supply Voltage Range
DDR Memory and Termination Supply
Voltage Mode Control
Distributed Power Supply
Skip Mode at Light Load for Efficiency
Optimization
General DC/DC Converter
High Precision 0.5% Internal 0.8-V Reference
DESCRIPTION
Adjustable Output Voltage from 0.8 V to
TPS53211 is a single phase PWM controller with
0.7
×VIN
integrated high-current drivers. It is used for 1.5 V up
Internal Soft-Start
to 19 V conversion voltage.
Supports Pre-biased Startup
TPS53211
features
a
skip
mode
solution
that
Supports Soft-Stop
optimizes the efficiency at light load condition without
Programmable Switching Frequency from
compromising the output voltage ripple. The device
provides pre-biased startup, soft-stop, integrated
250 kHz to 1 MHz
bootstrap switch, power good function, EN/Input
Overcurrent Protection
UVLO protection. It supports conversion voltages up
Inductor DCR Sensing for Overcurrent
to 19 V, and output voltages adjustable from 0.8 V to
0.7
×VIN.
RDS(on) Sensing for Zero Current Detection
Overvoltage and Undervoltage Protection
The TPS53211 is available in the 3 mm
× 3 mm,
16-pin, QFN package (Green RoHs compliant and Pb
Open Drain Power Good Indication
free) and is specified from
–40°C to 85°C.
Internal Bootstrap Switch
Integrated High-Current Drivers Powered by
VCCDR
Small 3 mm x 3 mm, 16-Pin QFN Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS53211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53211 TI-TPS53211_15 Datasheet
905Kb / 22P
[Old version datasheet]   Single-Phase PWM Controller with Light-Load Efficiency Optimization
More results

Similar Description - TPS53211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53211 TI-TPS53211_15 Datasheet
905Kb / 22P
[Old version datasheet]   Single-Phase PWM Controller with Light-Load Efficiency Optimization
logo
STMicroelectronics
L6738 STMICROELECTRONICS-L6738 Datasheet
787Kb / 32P
   Single-phase PWM controller with light-load efficiency optimization
logo
uPI Group Inc.
UP1539 UPI-UP1539 Datasheet
176Kb / 11P
   Single Phase PWM Controller with Light-Load Efficiency Optimization
logo
Intersil Corporation
ISL78225 INTERSIL-ISL78225 Datasheet
985Kb / 21P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Renesas Technology Corp
ISL78220 RENESAS-ISL78220 Datasheet
1Mb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Intersil Corporation
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com