Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51219RTET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51219RTET
Description  High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51219RTET Datasheet(HTML) 2 Page - Texas Instruments

  TPS51219RTET Datasheet HTML 1Page - Texas Instruments TPS51219RTET Datasheet HTML 2Page - Texas Instruments TPS51219RTET Datasheet HTML 3Page - Texas Instruments TPS51219RTET Datasheet HTML 4Page - Texas Instruments TPS51219RTET Datasheet HTML 5Page - Texas Instruments TPS51219RTET Datasheet HTML 6Page - Texas Instruments TPS51219RTET Datasheet HTML 7Page - Texas Instruments TPS51219RTET Datasheet HTML 8Page - Texas Instruments TPS51219RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TPS51219
SLUSAG1B
– MARCH 2011 – REVISED OCTOBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
ORDERABLE DEVICE
OUTPUT
MINIMUM
TA
PACKAGE
PINS
NUMBER
SUPPLY
QUANTITY
TPS51219RTER
Tape and reel
3000
–40°C to 85°C
Plastic Quad Flat Pack (QFN)
16
TPS51219RTET
Mini-reel
250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
BST
–0.3
36
BST(3)
–0.3
6
SW
–5
30
Input voltage range(2)
EN, MODE, TRIP, V5
–0.3
6.0
V
COMP, REFIN, VSNS
–0.3
3.6
GSNS
–0.35
0.35
PGND
–0.3
0.3
DH
–5
36
DH(3)
–0.3
6
Output voltage range(2)
DL
–0.3
6
V
PGOOD
–0.3
6
VREF
–0.3
3.6
Junction temperature range, TJ
125
°C
Storage temperature range, TSTG
–55
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the SW terminal.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS51219RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51219 TI1-TPS51219 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
More results

Similar Description - TPS51219RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51219 TI-TPS51219_15 Datasheet
1Mb / 39P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
TPS51219 TI1-TPS51219_14 Datasheet
1Mb / 38P
[Old version datasheet]   High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A Datasheet
971Kb / 43P
[Old version datasheet]   High-Performance, Eco-mode, Single Synchronous Step-Down Controller with PMBus
logo
Linear Technology
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
logo
Texas Instruments
TPS53819A TI-TPS53819A_15 Datasheet
1Mb / 52P
[Old version datasheet]   TPS53819A High-Performance, Eco-mode?? Single Synchronous Step-Down Controller with PMBus?
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com