Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3707-30DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3707-30DR
Description  PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3707-30DR Datasheet(HTML) 5 Page - Texas Instruments

  TPS3707-30DR Datasheet HTML 1Page - Texas Instruments TPS3707-30DR Datasheet HTML 2Page - Texas Instruments TPS3707-30DR Datasheet HTML 3Page - Texas Instruments TPS3707-30DR Datasheet HTML 4Page - Texas Instruments TPS3707-30DR Datasheet HTML 5Page - Texas Instruments TPS3707-30DR Datasheet HTML 6Page - Texas Instruments TPS3707-30DR Datasheet HTML 7Page - Texas Instruments TPS3707-30DR Datasheet HTML 8Page - Texas Instruments TPS3707-30DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TPS3705xx
TPS3707xx
PROCESSOR SUPERVISORY CIRCUITS WITH POWERFAIL
SLVS184C − NOVEMBER 1998 − REVISED DECEMBER 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS370xY chip information
These chips, when properly assembled, display characteristics similar to those of the TPS370x. Thermal
compression or ultrasonic bonding may be caused on the doped-aluminum bonding pads. The chips may be
mounted with conductive epoxy or a gold-silicon preform.
TPS3705Y
TPS3707Y
(1)
(2)
(3)
(8)
(6)
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 10 MILS TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
46
50
(4)
(7)
(5)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
MR
1
I
Manual reset
VDD
2
Supply voltage
GND
3
Ground
PFI
4
I
Power-fail comparator input
PFO
5
O
Power-fail comparator output
WDI
TPS3705
6
I
Watchdog timer input
NC
TPS3707
6
No internal connection
RESET
7
O
Active-low reset output
WDO
TPS3705
8
O
Watchdog timer output
RESET
TPS3707
8
O
Active-high reset output


Similar Part No. - TPS3707-30DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3707-30DR TI-TPS3707-30DR Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-30DR TI-TPS3707-30DR Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-30DR TI1-TPS3707-30DR Datasheet
1Mb / 28P
[Old version datasheet]   Processor Supervisory Circuits With Power-Fail
TPS3707-30DRG4 TI-TPS3707-30DRG4 Datasheet
263Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3707-30DRG4 TI-TPS3707-30DRG4 Datasheet
713Kb / 22P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com