Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST32HF202 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST32HF202
Description  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF202 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST32HF202 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST32HF202 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Preliminary Specifications
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF201 / SST32HF202 / SST32HF401 / SST32HF402
7
©2001 Silicon Storage Technology, Inc.
S71209-00-000
9/01
557
TABLE
4: SOFTWARE COMMAND SEQUENCE
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Word-Program
5555H
AAH
2AAAH
55H
5555H
A0H
WA2
Data
Sector-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SAX3
30H
Block-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
BAX3
50H
Chip-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Software ID Entry4,5
5555H
AAH
2AAAH
55H
5555H
90H
Software ID Exit
XXH
F0H
Software ID Exit
5555H
AAH
2AAAH
55H
5555H
F0H
T4.1 557
1. Address format A14-A0 (Hex),Address A15 can be VIL or VIH, but no other value, for the Command sequence.
2. WA = Program Word address
3. SAX for Sector-Erase; uses AMS-A11 address lines
BAX for Block-Erase; uses AMS-A15 address lines
AMS = Most significant address
AMS = A16 for SST32HF201/202 and A17 for SST32HF401/402
4. The device does not remain in Software Product ID mode if powered down.
5. With AMS-A1 = 0; SST Manufacturer’s ID = 00BFH, is read with A0 = 0,
SST32HF201/202 Device ID = 2789H, is read with A0 = 1,
SST32HF401/402 Device ID = 2780H, is read with A0 = 1.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +125°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.3V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.3V
Extended
-20°C to +85°C
2.7-3.3V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . . CL = 30 pF
See Figures 15 and 16


Similar Part No. - SST32HF202

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4C-L3K SST-SST32HF202-70-4C-L3K Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4C-L3KE SST-SST32HF202-70-4C-L3KE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4E-L3K SST-SST32HF202-70-4E-L3K Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF202-70-4E-L3KE SST-SST32HF202-70-4E-L3KE Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
More results

Similar Description - SST32HF202

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF802 SST-SST32HF802 Datasheet
342Kb / 28P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com