Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29VF010-200-4I-NH Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST29VF010-200-4I-NH
Description  2 Mbit (256K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VF010-200-4I-NH Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST29VF010-200-4I-NH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29VF010-200-4I-NH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29VF010-200-4I-NH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VF010-200-4I-NH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VF010-200-4I-NH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VF010-200-4I-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VF010-200-4I-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VF010-200-4I-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VF010-200-4I-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
2 Mbit Page-Mode EEPROM
SST29EE020 / SST29LE020 / SST29VE020
5
©2001 Silicon Storage Technology, Inc.
S71062-06-000
6/01
307
FIGURE 2: PIN ASSIGNMENTS FOR 32-LEAD TSOP
FIGURE 3: PIN ASSIGNMENTS FOR 32-PIN PDIP
A11
A9
A8
A13
A14
A17
WE#
VDD
NC
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
307 ILL F01.2
Standard Pinout
Top View
Die Up
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-pin
PDIP
Top View
307 ILL F19.0
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
TABLE
2: PIN DESCRIPTION
Symbol
Pin Name
Functions
A17-A7
Row Address Inputs
To provide memory addresses. Row addresses define a page for a Write cycle.
A6-A0
Column Address Inputs
Column Addresses are toggled to load page data
DQ7-DQ0
Data Input/output
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide:
5.0V supply (±10%) for SST29EE020
3.0V supply (3.0-3.6V) for SST29LE020
2.7V supply (2.7-3.6V) for SST29VE020
VSS
Ground
NC
No Connection
Unconnected pins.
T2.2 307


Similar Part No. - SST29VF010-200-4I-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VF010-55-4C-NH SST-SST29VF010-55-4C-NH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4C-PH SST-SST29VF010-55-4C-PH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4C-WH SST-SST29VF010-55-4C-WH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4I-NH SST-SST29VF010-55-4I-NH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4I-PH SST-SST29VF010-55-4I-PH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results

Similar Description - SST29VF010-200-4I-NH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Macronix International
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com