Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5410-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5410-Q1
Description  1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5410-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS5410-Q1 Datasheet HTML 1Page - Texas Instruments TPS5410-Q1 Datasheet HTML 2Page - Texas Instruments TPS5410-Q1 Datasheet HTML 3Page - Texas Instruments TPS5410-Q1 Datasheet HTML 4Page - Texas Instruments TPS5410-Q1 Datasheet HTML 5Page - Texas Instruments TPS5410-Q1 Datasheet HTML 6Page - Texas Instruments TPS5410-Q1 Datasheet HTML 7Page - Texas Instruments TPS5410-Q1 Datasheet HTML 8Page - Texas Instruments TPS5410-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
-50
-25
0
25
125
T − JunctionTemperature − C
J
o
100
75
50
V =12V
I
3
3.5
3.25
2.5
2.75
460
-50
-25
0
25
125
T − JunctionTemperature − C
J
o
100
75
50
460
470
530
500
520
510
480
490
120
180
150
170
160
130
140
-50
-25
0
25
125
T − JunctionTemperature − C
J
o
100
75
50
-50
-25
0
25
125
T − JunctionTemperature − C
J
o
100
75
50
1.22
1.23
1.225
1.21
1.215
1.22
1.23
1.225
1.21
1.215
V =12V
I
-50
-25
0
25
125
T − JunctionTemperature − C
J
o
100
75
50
80
180
150
170
160
90
120
130
140
100
110
8
9
8.5
7
7.5
-50
-25
0
25
125
T − JunctionTemperature − C
J
o
100
75
50
25
ENA =0V
T =125 C
J
o
T =27 C
J
o
T =-40 C
J
o
0
40
V − InputVoltage − V
I
15
10
5
5
20
15
10
20
35
30
25
7.5
8
7.5
7
7.25
-50
-25
0
25
125
T − JunctionTemperature − C
J
o
100
75
50
TPS5410-Q1
www.ti.com......................................................................................................................................................................................... SLVSA23 – SEPTEMBER 2009
TYPICAL CHARACTERISTICS
OSCILLATOR FREQUENCY
OPERATING QUIESCENT CURRENT
MINIMUM CONTROLLABLE ON TIME
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
VOLTAGE REFERENCE
ON STATE RESISTANCE
INTERNAL SLOW START TIME
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
SHUTDOWN QUIESCENT CURRENT
MINIMUM CONTROLLABLE DUTY RATIO
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS5410-Q1


Similar Part No. - TPS5410-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS5410-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com