Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5130QPTRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5130QPTRQ1
Description  TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5130QPTRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS5130QPTRQ1 Datasheet HTML 1Page - Texas Instruments TPS5130QPTRQ1 Datasheet HTML 2Page - Texas Instruments TPS5130QPTRQ1 Datasheet HTML 3Page - Texas Instruments TPS5130QPTRQ1 Datasheet HTML 4Page - Texas Instruments TPS5130QPTRQ1 Datasheet HTML 5Page - Texas Instruments TPS5130QPTRQ1 Datasheet HTML 6Page - Texas Instruments TPS5130QPTRQ1 Datasheet HTML 7Page - Texas Instruments TPS5130QPTRQ1 Datasheet HTML 8Page - Texas Instruments TPS5130QPTRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS5130-Q1
SLVS866 – MARCH 2009................................................................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over junction temperature range, V(VIN) = V(VIN_SENSE12) = V(VIN_SENSE3) = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Control
SS_STBY1, SS_STBY2, SS_STBY3, STBY_LDO,
VIH
High-level input voltage
2.2
V
PWM_SEL, STBY_VREF3.3, STBY_VREF5
SS_STBY1, SS_STBY2, SS_STBY3, STBY_LDO,
VIL
Low-level input voltage
0.3
V
PWM_SEL, STBY_VREF3.3, STBY_VREF5
Output Voltage Monitor
OVP comparator threshold
SBRC, LDO
0.91
0.95
0.99
V
UVP comparator threshold
SBRC, LDO
0.51
0.55
0.59
V
PG comparator low-level
0.75
0.79
0.81
V
threshold
PG comparator high-level
0.88
0.91
0.94
V
threshold
PGOUT H to L
6.5
PG propagation delay from INVx,
No load at PG_DELAY
µs
INV_LDO to PGOUT
PGOUT L to H
16
I(PG_DELAY) PG_DELAY source current
–1.8
µA
UVP protection
–1.5
–2.3
–3.1
Timer latch current source
µA
OVP protection
–80
–125
–180
Oscillator
fOSC
Oscillation frequency
PWM mode, C(CT) = 44 pF, TA = 25°C
300
kHz
dc
1
1.1
1.2
VOH
High-level output voltage
V
fOSC = 300 kHz
1.17
dc
0.4
0.5
0.6
VOL
Low-level output voltage
V
fOSC = 300 kHz
0.43
Error Amplifier for SBRC
VIO
Input offset voltage
INVx voltage, TA = 25°C
2
10
mV
Open-loop voltage gain
50
dB
Unity-gain bandwidth
2.5
MHz
IO(snk)
Output sink current
V(FBx) = 1 V
0.2
0.7
mA
IO(src)
Output source current
V(FBx) = 1 V
–0.2
–0.9
mA
Duty Control
CH1, CH3
82
Maximum duty control
fOSC = 300 kHz, V(INVx) = 0 V
%
CH2
97
Output Drivers
OUTx_u sink current
V(OUTx_u) – V(LLx) = 3 V
1.2
A
OUTx_u source current
V(LHx) – V(OUTx_u) = 3 V
–1.2
A
OUTx_d sink current
V(OUTx_d) = 3 V
1.5
A
OUTx_d source current
V(OUTx_d) = 2 V
–1.5
A
LDO_GATE sink current
V(LDO_GATE) = 2 V
2
mA
LDO_GATE source current
V(LDO_GATE) = 2 V
–1.4
mA
I(TRIPx)
Output current
TRIP1, TRIP2, TRIP3
11
13
15
µA
Soft Start
I(SS_STBYx)
Soft-start current
V(SS_STBYx) = 0.7 V
–1.6
–2.3
–2.9
µA
Error Amplifier for LDO Controller
VIO
Input offset voltage
V(LDO_IN) = 3.3 V, TA = 25°C
2
10
mV
Open-loop voltage gain
V(LDO_IN) = 3.3 V
50
dB
Unity-gain bandwidth
V(LDO_IN) = 3.3 V, CL = 2000 pF
1.4
MHz
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS5130-Q1


Similar Part No. - TPS5130QPTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130PT TI-TPS5130PT Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130PT TI1-TPS5130PT Datasheet
532Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER
TPS5130PTG4 TI1-TPS5130PTG4 Datasheet
532Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS5130QPTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Texas Instruments
TPS5130PTR TI1-TPS5130PTR Datasheet
532Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
   Single Synchronous Buck with LDO Controller
logo
Microsemi Corporation
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com