Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3620-33MDGKREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3620-33MDGKREP
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3620-33MDGKREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3620-33MDGKREP Datasheet HTML 7Page - Texas Instruments TPS3620-33MDGKREP Datasheet HTML 8Page - Texas Instruments TPS3620-33MDGKREP Datasheet HTML 9Page - Texas Instruments TPS3620-33MDGKREP Datasheet HTML 10Page - Texas Instruments TPS3620-33MDGKREP Datasheet HTML 11Page - Texas Instruments TPS3620-33MDGKREP Datasheet HTML 12Page - Texas Instruments TPS3620-33MDGKREP Datasheet HTML 13Page - Texas Instruments TPS3620-33MDGKREP Datasheet HTML 14Page - Texas Instruments TPS3620-33MDGKREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TPS3619-33-EP, TPS3619-50-EP
TPS3620-33-EP, TPS3620-50-EP
www.ti.com
SGLS350C – JULY 2006 – REVISED SEPTEMBER 2010
DETAILED DESCRIPTION
Battery Freshness Seal (TPS3619)
The battery freshness seal of the TPS3619 family disconnects the backup battery from internal circuitry until it is
needed. This function prevents the backup battery from being discharged until the final product is put to use. The
following steps explain how to enable the freshness seal mode.
1. Connect VBAT (VBAT > VBAT min)
2. Ground PFO
3. Connect PFI to VDD (PFI = VDD)
4. Connect VDD to power supply (VDD > VIT) and retain for 5 ms < t < 35 ms
The battery freshness seal mode is removed automatically by the positive-going edge of RESET when VDD is
applied.
Power-Fail Input/Output Comparator (PFI and PFO)
An additional comparator is provided to monitor voltages other than the nominal supply voltage. The PFI is
compared with an internal voltage reference of 1.15 V. If the input voltage falls below the power-fail threshold
(VIT(PFI)) of 1.15 V (typ), the PFO goes low. If VIT(PFI) goes above V(PFI) plus about 12-mV hysteresis, the output
returns to high. By connecting two external resistors, it is possible to supervise any voltages above V(PFI). The
sum of both resistors should be about 1 M
Ω, to minimize power consumption and also to ensure that the current
in the PFI pin can be ignored, compared with the current through the resistor network. The tolerance of the
external resistors should be not more than 1%, to ensure minimal variation of sensed voltage. If the power-fail
comparator is unused, PFI should be connected to ground and PFO left unconnected.
Backup-Battery Switchover
In case of a brownout or power failure, it may be necessary to preserve the contents of RAM. If a backup battery
is installed at VBAT, the device automatically switches the connected RAM to backup power when VDD fails. In
order to allow the backup battery (e.g., a 3.6-V lithium cell) to have a higher voltage than VDD, these supervisors
do not connect VBAT to VOUT when VBAT is greater than VDD. VBAT only connects to VOUT (through a 15-Ω switch)
when VDD falls below the VIT and VBAT is greater than VDD. When VDD recovers, switchover is deferred, either
until VDD crosses VBAT or until VDD rises above VIT. VOUT connects to VDD through a 1-Ω (max) PMOS switch
when VDD crosses the reset threshold.
Table 2. FUNCTION TABLE
VDD > VBAT
VDD > VIT
VOUT
1
1
VDD
1
0
VDD
0
1
VDD
0
0
VBAT
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS3619-33-EP TPS3619-50-EP TPS3620-33-EP TPS3620-50-EP


Similar Part No. - TPS3620-33MDGKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3620-33MDGKREP TI1-TPS3620-33MDGKREP Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3620-33MDGKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com