Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2202AIDFLE Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2202AIDFLE
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2202AIDFLE Datasheet(HTML) 2 Page - Texas Instruments

  TPS2202AIDFLE Datasheet HTML 1Page - Texas Instruments TPS2202AIDFLE Datasheet HTML 2Page - Texas Instruments TPS2202AIDFLE Datasheet HTML 3Page - Texas Instruments TPS2202AIDFLE Datasheet HTML 4Page - Texas Instruments TPS2202AIDFLE Datasheet HTML 5Page - Texas Instruments TPS2202AIDFLE Datasheet HTML 6Page - Texas Instruments TPS2202AIDFLE Datasheet HTML 7Page - Texas Instruments TPS2202AIDFLE Datasheet HTML 8Page - Texas Instruments TPS2202AIDFLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS2202AI
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS123B – SEPTEMBER 1995 – REVISED JANUARY 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
typical PC card power-distribution application
PCMCIA
Controller
12 V
Power Supply
Vpp1
Vpp2
VCC
VCC
PC
Card A
VDD
TPS2202AI
5 V
3.3 V
BPWR_GOOD
OC
Serial Interface
3
Vpp1
Vpp2
VCC
VCC
PC
Card B
12V
5V
3.3V
AVPP
AVCC
AVCC
BVPP
BVCC
BVCC
APWR_GOOD
BVCC
AVCC
Supervisor
RESET
RESET
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3.3V
15, 16, 17
I
3.3-V VCC input for card power
5V
1, 2, 30
I
5-V VCC input for card power
12V
7, 24
I
12-V Vpp input for card power
AVCC
9, 10, 11
O
Switched output that delivers 3.3 V, 5 V, low or high impedance to card
AVPP
8
O
Switched output that delivers 3.3 V, 5 V, 12 V, low or high impedance to card
APWR_GOOD
13
O
Logic-level power-ready output that stays low as long as AVPP is within limits
BVCC
20, 21, 22
O
Switched output that delivers 3.3 V, 5 V, low or high impedance
BVPP
23
O
Switched output that delivers 3.3 V, 5 V, 12 V, low or high impedance
BPWR_GOOD
19
O
Logic-level power-ready output that remains low as long as BVPP is within limits
CLOCK
4
I
Logic-level clock for serial data word
DATA
3
I
Logic-level serial data word
GND
12
Ground
LATCH
5
I
Logic-level latch for serial data word
NC
26, 27,
28, 29
No internal connection
OC
18
O
Logic-level overcurrent reporting output that goes low when an overcurrent condition exists
RESET
6
I
Logic-level RESET input active high. Do not connect if terminal 14 is used.
RESET
14
I
Logic-level RESET input active low. Do not connect if terminal 6 is used.
VDD
25
I
5-V power to chip


Similar Part No. - TPS2202AIDFLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202AIDF TI-TPS2202AIDF Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Similar Description - TPS2202AIDFLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206IDB TI-TPS2206IDB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com