Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2204A Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2204A
Description  PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2204A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2204A Datasheet HTML 9Page - Texas Instruments TPS2204A Datasheet HTML 10Page - Texas Instruments TPS2204A Datasheet HTML 11Page - Texas Instruments TPS2204A Datasheet HTML 12Page - Texas Instruments TPS2204A Datasheet HTML 13Page - Texas Instruments TPS2204A Datasheet HTML 14Page - Texas Instruments TPS2204A Datasheet HTML 15Page - Texas Instruments TPS2204A Datasheet HTML 16Page - Texas Instruments TPS2204A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
www.ti.com
13
Figure 17
0.575
0.58
0.585
0.59
0.595
0.6
0.605
−50
−20
10
40
70
100
RISE TIME, xVPP
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
xVPP = 12 V
IO = 0.05 A
CL = 10 µF
Figure 18
3.85
3.9
3.95
4
4.05
4.1
4.15
−50
−20
10
40
70
100
FALL TIME, xVPP
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
xVPP = 12 V
IO = 0.05 A
CL = 10 µF
Figure 19
0
0.2
0.4
0.6
0.8
1
1.2
0.1
1
10
100
1000
RISE TIME, xVCC
vs
LOAD CAPACITANCE
xVCC = 5 V
IO = 0.75 A
TJ = 25°C
CL − Load Capacitance − µF
Figure 20
0
0.5
1
1.5
2
2.5
0.1
1
10
100
1000
FALL TIME, xVCC
vs
LOAD CAPACITANCE
xVCC = 5 V
IO = 0.75 A
TJ = 25°C
CL − Load Capacitance − µF


Similar Part No. - TPS2204A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2204A TI1-TPS2204A Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com