Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS767D301MPWPREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767D301MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS767D301MPWPREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS767D301MPWPREP Datasheet HTML 5Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 6Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 9Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 10Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 11Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 12Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
100k
10k
f − Frequency − Hz
70
60
50
40
30
20
10
0
−10
90
80
1k
100
10
1M
VO = 3.3 V
VI = 4.3 V
CO = 10 µF
IO = 1 A
TA = 25°C
TA − Free-Air Temperature − °C
92
84
72
90
88
82
80
78
76
74
86
−40
0
−20
100
−60
120
20
40
60
80
140
VO = 3.3 V
VI = 4.3 V
IO = 500 mA
IO = 1 A
IO = 1 mA
TA − Free-Air Temperature − °C
94
86
74
92
90
84
82
80
78
76
88
−40
0
−20
100
−60
120
20
40
60
80
140
IO = 500 mA
IO = 1 A
IO = 1 mA
96
VO = 1.8 V
VI = 2.8 V
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
102
101
100
10−1
10−2
−20
140
IO = 1 A
IO = 10 mA
IO = 0
VO = 3.3 V
CO = 10 µF
f − Frequency − kHz
101
102
105
106
0
10−1
10−2
104
103
IO = 1 mA
IO = 1 A
VI = 4.3 V
CO = 10 µF
TA = 25°C
f − Frequency − Hz
102
103
104
105
10−5
10−6
10−8
10−7
IO = 7 mA
IO = 1 A
VI = 4.3 V
CO = 10 µF
TA = 25°C
t − Time −
µs
5.3
60
40
20
80 100
140
120
160 180 200
VO = 3.3 V
CL = 10 µF
TA = 25°C
0
4.3
10
0
−10
t − Time −
µs
VO = 1.8 V
VI = 2.8 V
CL = 100 µF
TA = 25°C
1
0.5
0
0
60
40
20
80 100
140
120
160 180 200
0
50
100
−50
−100
20
0
3.8
2.8
t − Time −
µs
0
60
40
20
80 100
140
120
160 180 200
VO = 1.8 V
IL = 10 mA
CL = 10 µF
TA = 25°C
−20
TPS767D301-EP
www.ti.com
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued) (continued)
POWER-SUPPLY RIPPLE
GROUND CURRENT
GROUND CURRENT
REJECTION
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREQUENCY
Figure 9.
Figure 10.
Figure 11.
OUTPUT SPECTRAL NOISE
DENSITY
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
FREE-AIR TEMPERATURE
Figure 12.
Figure 13.
Figure 14.
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 15.
Figure 16.
Figure 17.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS767D301-EP


Similar Part No. - TPS767D301MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-EP TI1-TPS767D301-EP Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767D301MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
[Old version datasheet]   DUAL LOW - DROPOUT LINEAR REGULATOR
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
   Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
logo
Unisonic Technologies
LR6XXYY UTC-LR6XXYY Datasheet
169Kb / 4P
   DUAL OUTPUT LOW ESR CAP. LOW-DROPOUT 600MA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com