Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71H01QPWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71H01QPWPR
Description  LOW-DROPOUT VOLTAGE REGULATORS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71H01QPWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS71H01QPWPR Datasheet HTML 1Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 2Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 3Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 4Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 5Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 6Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 7Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 8Page - Texas Instruments TPS71H01QPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
TPS71H01Q, TPS71H33Q, TPS71H48Q, TPS71H50Q
LOW DROPOUT VOLTAGE REGULATORS
SLVS152B − NOVEMBER 1996 − REVISED AUGUST 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
† TPS71H33, TPS71H48, TPS71H50 (fixed-voltage options)
‡ Capacitor selection is nontrivial. See application information section
for details.
SENSE
PG
OUT
OUT
7
6
5
IN
IN
EN
GND
3
16
15
14
13
VI
0.1
µF
PG
CSR
VO
10
µF
+
TPS71Hxx†
CO‡
Figure 2. Typical Application Configuration
functional block diagram
_
+
Vref = 1.178 V
OUT
SENSE‡ /FB
EN
IN
GND
R1
R2
PG
_
+
TPS71H01
TPS71H33
TPS71H48
TPS71H50
DEVICE
UNIT
R1
R2
0
420
726
756
233
233
233
k
k
k
RESISTOR DIVIDER OPTIONS
† Switch positions are shown with EN low (active).
‡ For most applications, SENSE should be externally connected to OUT as close as possible to the device. (For other implementations, refer
to SENSE-pin connection discussion in Applications Information section.)
NOTE A: Resistors are nominal values only.
1.12 V
††
MOS transistors
Bilpolar transistors
Diodes
Capacitors
Resistors
COMPONENT COUNT
464
41
4
17
76


Similar Part No. - TPS71H01QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71H01QPWPR TI-TPS71H01QPWPR Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWPR TI1-TPS71H01QPWPR Datasheet
1Mb / 46P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01QPWPRG4 TI-TPS71H01QPWPRG4 Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS71H01QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com