Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST202C104KART Datasheet(PDF) 6 Page - AVX Corporation

Part # ST202C104KART
Description  Radial Leads/SkyCap짰/SR Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

ST202C104KART Datasheet(HTML) 6 Page - AVX Corporation

Back Button ST202C104KART Datasheet HTML 2Page - AVX Corporation ST202C104KART Datasheet HTML 3Page - AVX Corporation ST202C104KART Datasheet HTML 4Page - AVX Corporation ST202C104KART Datasheet HTML 5Page - AVX Corporation ST202C104KART Datasheet HTML 6Page - AVX Corporation ST202C104KART Datasheet HTML 7Page - AVX Corporation ST202C104KART Datasheet HTML 8Page - AVX Corporation ST202C104KART Datasheet HTML 9Page - AVX Corporation ST202C104KART Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
20
Radial Leads/SkyCap
®/SL Series
C0G (NP0) Dielectric
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.
*Other capacitance values available upon special request.
NOTE: Capacitance Ranges available for SL12 same as SL15
SL62 same as SL21
SL64 same as SL30
SL89 same as SL21
= Industry preferred values
= SL20 only
200 100
50 200 100
50
200 100
50
200 100 50
100
50
100
50
100
50
AVX Style
SL15
SL20
SL21
SL22
SL27
SL30
SL40
SL50
AVX “Insertable”
SL07
SL29
SL59
N/A
N/A
SL65
SL75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
200 100
50
1.0-9.9
SL151A1R0DAB
10
SL151A100KAB
15
SL-----A150KAB
22
SL-----A220KAB
33
SL-----A330KAB
39
SL-----A390KAB
47
SL-----A470KAB
68
SL-----A680KAB
100
SL151A101KAB
150
SL-----A151KAB
220
SL-----A221KAB
330
SL-----A331KAB
390
SL-----A391KAB
470
SL-----A471KAB
680
SL-----A681KAB
1000
SL211A102KAB
1500
SL-----A152KAB
2200
SL-----A222KAB
3900
SL-----A392KAB
4700
SL-----A472KAB
6800
SL-----A682KAB
8200
SL-----A822KAB
10,000
SL305A103KAB
15,000
SL-----A153KAB
22,000
SL-----A223KAB
33,000
SL-----A333KAB
39,000
SL-----A393KAB
47,000
SL-----A473KAB
68,000
SL-----A683KAB
100,000
SL-----A104KAB


Similar Part No. - ST202C104KART

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202C STMICROELECTRONICS-ST202C Datasheet
711Kb / 17P
   5 V powered multi-channel RS-232 drivers and receivers
ST202CD STMICROELECTRONICS-ST202CD Datasheet
527Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
ST202CD STMICROELECTRONICS-ST202CD Datasheet
303Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
ST202CDR STMICROELECTRONICS-ST202CDR Datasheet
527Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
ST202CDR STMICROELECTRONICS-ST202CDR Datasheet
303Kb / 18P
   5V Powered multi-channel RS-232 drivers and receivers
More results

Similar Description - ST202C104KART

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
AR215F104M4R AVX-AR215F104M4R Datasheet
202Kb / 9P
   Radial Leads/SkyCap짰/AR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com