Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29LE020 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST29LE020
Description  2 Mbit (256K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29LE020 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST29LE020 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29LE020 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Data Sheet
2 Mbit Page-Mode EEPROM
SST29EE020 / SST29LE020 / SST29VE020
©2001 Silicon Storage Technology, Inc.
S71062-06-000
6/01
307
AC CHARACTERISTICS
TABLE 10: READ CYCLE TIMING PARAMETERS FOR SST29EE020
Symbol
Parameter
SST29EE020-120
SST29EE020-150
Units
Min
Max
Min
Max
TRC
Read Cycle Time
120
150
ns
TCE
Chip Enable Access Time
120
150
ns
TAA
Address Access Time
120
150
ns
TOE
Output Enable Access Time
50
60
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
30
30
ns
TOHZ1
OE# High to High-Z Output
30
30
ns
TOH1
Output Hold from Address Change
0
0
ns
T10.4 307
TABLE 11: READ CYCLE TIMING PARAMETERS FOR SST29LE020
Symbol
Parameter
SST29LE020-200
SST29LE020-250
Units
MinMax
MinMax
TRC
Read Cycle Time
200
250
ns
TCE
Chip Enable Access Time
200
250
ns
TAA
Address Access Time
200
250
ns
TOE
Output Enable Access Time
100
120
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
50
50
ns
TOHZ1
OE# High to High-Z Output
50
50
ns
TOH1
Output Hold from Address Change
0
0
ns
T11.1 307
TABLE 12: READ CYCLE TIMING PARAMETERS FOR SST29VE020
Symbol
Parameter
SST29VE020-200
SST29VE020-250
Units
MinMax
MinMax
TRC
Read Cycle Time
200
250
ns
TCE
Chip Enable Access Time
200
250
ns
TAA
Address Access Time
200
250
ns
TOE
Output Enable Access Time
100
120
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
50
50
ns
TOHZ1
OE# High to High-Z Output
50
50
ns
TOH1
Output Hold from Address Change
0
0
ns
T12.1 307


Similar Part No. - SST29LE020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29LE010 SST-SST29LE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010 SST-SST29LE010 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29LE010-120-3C-E SST-SST29LE010-120-3C-E Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29LE010-120-3C-EH SST-SST29LE010-120-3C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
More results

Similar Description - SST29LE020

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Macronix International
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com