Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC84000TPWPRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC84000TPWPRQ1
Description  LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC84000TPWPRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC84000TPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPIC84000TPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Out 1
Out 2
MUX
Current
Measurement
(ADC)
Gains
Out 3
Out 4
Out 5
Out 6
Out 7
Out 8
Clock
Divider
Sine Wave
Generation
Out 1
Out 2
Out 3
Out 4
Out 5
Out 6
Out 7
Out 8
V
A
V
D
R
BIAS
SDO
SDI
SCLK
NCS
CLK_IN
VS/2
V
S
Control Logic
SPI
PGND
GND
Power
Management
TPIC84134-Q1
SLDS176 – AUGUST 2010
www.ti.com
Figure 1. Block Diagram
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 105°C
HTSSOP – PWP
Reel of 2000
TPIC84134TPWPRQ1
TPIC84000TPWPRQ1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPIC84134-Q1


Similar Part No. - TPIC84000TPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC84000TPWPRQ1 TI1-TPIC84000TPWPRQ1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84000TPWPRQ1 TI-TPIC84000TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
More results

Similar Description - TPIC84000TPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC84000-Q1 TI1-TPIC84000-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125TPWPRQ1 TI-TPIC84125TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TRF4140-Q1 TI1-TRF4140-Q1 Datasheet
395Kb / 12P
[Old version datasheet]   Abstract Low-Frequency Transceiver for Immobilizer, Passive Start, Passive Entry, and Wireless Charging Systems
logo
Taoglas antenna solutio...
TG080113 TAOGLAS-TG080113 Datasheet
3Mb / 26P
   Monopole Passive Antenna Broadband frequency range for cellular and GNSS
TG.08.0113 TAOGLAS-TG.08.0113 Datasheet
3Mb / 26P
   Monopole Passive Antenna
TG.08.0113-2 TAOGLAS-TG.08.0113-2 Datasheet
8Mb / 62P
   Monopole Passive Antenna
logo
Maxtena Inc.
M1516HCT-GN MAXTENA-M1516HCT-GN Datasheet
827Kb / 4P
   GPS/GLONASS PASSIVE ANTENNA
REV A
MEA-1621-AM MAXTENA-MEA-1621-AM Datasheet
1Mb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
MEA-1621 MAXTENA-MEA-1621 Datasheet
442Kb / 3P
   IRIDIUM CERTIFIED PASSIVE ANTENNA
REV A
logo
API Technologies Corp
X2 APITECH-X2 Datasheet
161Kb / 1P
   Passive Frequency Doublers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com