Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC82010FFER Datasheet(PDF) 29 Page - Texas Instruments

Part # TPIC82010FFER
Description  Tire Pressure Monitoring System TX Module
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC82010FFER Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPIC82010FFER Datasheet HTML 25Page - Texas Instruments TPIC82010FFER Datasheet HTML 26Page - Texas Instruments TPIC82010FFER Datasheet HTML 27Page - Texas Instruments TPIC82010FFER Datasheet HTML 28Page - Texas Instruments TPIC82010FFER Datasheet HTML 29Page - Texas Instruments TPIC82010FFER Datasheet HTML 30Page - Texas Instruments TPIC82010FFER Datasheet HTML 31Page - Texas Instruments TPIC82010FFER Datasheet HTML 32Page - Texas Instruments TPIC82010FFER Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
TPIC82000 Series
www.ti.com
SLDS189 – MAY 2012
Description
Label
Address
Reset Value
Bit Addressable
Interrupt Enable Register 1(1)
IE1
0xE8
0x00
O
B Register
B
0xF0
0x00
O
Interrupt Priority Register 1(1)
IP1
0xF8
0x00
O
3.2.7.2
I/O PORT (P0,P1,P2,P3)
On the 8051 MCU, P0, P1, P2 and P3 are assigned as the 32 quasi-bi-directional I/O lines. However, on
the TPIC82000 device, only the ports P3<1:0> can be used for a general purpose I/O (GPIO), the others
are not configured or usable.
M I/O PORTS(P0,P1,P2,P3)(1)
Bit Addressable
ESFR: 0xB0
P3
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
P3<1>
P3<0>
Access
r/w
r/w
r/w
r/w
r/w
r/w
w
r
At Power on reset
1
1
1
1
1
1
1
1
At Timer reset
1
1
1
1
1
1
1
1
Some of the Port 3 have alternate functions as shown below.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NINT0
TXD
RXD
input
output
Input
BIT1: TXD
output
Serial Transmit Data from UART and transmit clock in UART mode 0.
BIT0: RXD
input
Serial Receive Data to UART
(1)
The functions NINT1, T0 and T1 originally assigned at bit 3, bit 4 and bit 5, respectively, on this extended register (on a standard 8051
core) are not supported or usable on the TPIC82000 device.
3.2.7.3
Stack Pointer (SP)
The SP register contains the Stack Pointer. The Stack Pointer is used to load the program counter into
internal data memory during LCALL and ACALL instructions and is used to retrieve the program counter
from memory during RET and RETI instructions. Data may also be saved on or retrieved from the stack
using PUSH and POP instructions. Instructions that use the stack automatically pre-increment or post-
decrement the Stack Pointer. Therefore, the Stack Pointer always points to the last byte written to the
stack, which is on the top of the stack. On reset, the Stack Pointer is set to 0x07. The programmer should
ensure that the location of the stack in the internal data memory does not interfere with other data stored
therein.
M Stack Pointer (SP)
Not Bit Addressable
ESFR: 0x81
SP
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SP<7>
SP<6>
SP<5>
SP<4>
SP<3>
SP<2>
SP<1>
SP<0>
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
At Power on reset
0
0
0
0
0
0
0
0
At Timer reset
0
0
0
0
0
0
0
0
3.2.7.4
Data Pointer (DPTR)
The Data Pointer (DPTR) is a 16-bit register that may be accessed via the two SFR locations, Data
Pointer High Byte (DPH) and Data Pointer Low Byte (DPL). Two true 16-bit operations are allowed on the
Data Pointer: load immediate and increment. The Data Pointer is used to form 16-bit addresses for the
External Data Memory Accesses (MOVX), for program byte moves (MOVC) and for indirect program
jumps (JMP @A+DPTR). On reset, the Data Pointer is set to 0x0000.
Copyright © 2012, Texas Instruments Incorporated
FUNCTION DESCRIPTION
29
Submit Documentation Feedback
Product Folder Link(s): TPIC82000 Series


Similar Part No. - TPIC82010FFER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101 TI-TPIC8101 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DW TI-TPIC8101DW Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWG4 TI-TPIC8101DWG4 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWR TI-TPIC8101DWR Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results

Similar Description - TPIC82010FFER

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
NXP Semiconductors
FXTH871502DT1 NXP-FXTH871502DT1 Datasheet
206Kb / 2P
   Tire Pressure Monitoring Sensors 100-1500 kPa
REV 0
FXTH870502DT1 NXP-FXTH870502DT1 Datasheet
297Kb / 2P
   Tire Pressure Monitoring Sensors 100-900 kPa
REV 3
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
   Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
logo
TOKO, Inc
TK14583V-G TOKO-TK14583V-G Datasheet
180Kb / 2P
   Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
logo
Infineon Technologies A...
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
   Tire Pressure Sensor
06 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com