Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC82000FFER Datasheet(PDF) 83 Page - Texas Instruments

Part # TPIC82000FFER
Description  Tire Pressure Monitoring System TX Module
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC82000FFER Datasheet(HTML) 83 Page - Texas Instruments

Back Button TPIC82000FFER Datasheet HTML 79Page - Texas Instruments TPIC82000FFER Datasheet HTML 80Page - Texas Instruments TPIC82000FFER Datasheet HTML 81Page - Texas Instruments TPIC82000FFER Datasheet HTML 82Page - Texas Instruments TPIC82000FFER Datasheet HTML 83Page - Texas Instruments TPIC82000FFER Datasheet HTML 84Page - Texas Instruments TPIC82000FFER Datasheet HTML 85Page - Texas Instruments TPIC82000FFER Datasheet HTML 86Page - Texas Instruments TPIC82000FFER Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
TPIC82000 Series
www.ti.com
SLDS189 – MAY 2012
4
ELECTRICAL SPECIFICATIONS
4.1
Absolute Maximum Ratings
(TA = –40°C to 125°C, unless otherwise specified)
(1) (2)
MIN
TYP
MAX
UNIT
VDD
VDD–GND
–0.3
3.6
V
Supply Voltage
RESET_ TEST
–0.3
7
V
PP1
Diaphragm
Pressure Sensor Input
0
1100
kPa
PP2
Pressure (Absolute)
DI
Input Voltage Range
–0.3
VDD+0.3
V
VI
XTAL
–0.3
VDD+0.3
RFOUT
–0.3
VDD+0.3
VILD
LD
–0.3
VDD+0.3
VICK
CK
–0.3
VDD+0.3
IOST
RFOUT
Output Current
20
mA
DO
10
TVO
10
As
Static Acceleration Mechanical
Diaphragm Direction (z)
2000
G
shock
Adc
Package-side Direction (x, y)
100
Adp
Dynamic Acceleration
Any Direction (< 10 mS)
7000
G
Mechanical shock
TJ
Operating Junction Temperature Range
–40
150
°C
TA
Operating Ambient Temperature Range
–40
125
°C
Tstg
Storage Temperature Range
–65
150
°C
All pins
Lead Temperature (Soldering, 10 s)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
Note all voltage values are with respect to GND.
4.2
Recommended Operating Conditions
(1)
(TA = –40ºC to 125°C, VDD = 1.5 V to 3.5 V, unless otherwise specified)
MIN
TYP
MAX
UNIT
VDD
VDD–GND
Supply Voltage
1.5
3
3.5
V
Input Pressure Range (for
PP1
Diaphragm
After software adjustment
50
635
kPa
Section 5.1.1)
Input pressure range (for
PP2
Diaphragm
After software adjustment
50
635
kPa
Section 5.1.2)
Measurement
–2
10
MM
Accelerometer
Input Acceleration Range
G
Withstand
–1600
1600
CK, LD, DI
0.8×VDD
VDD
VIH
H Level Input Voltage Range
V
RESET_TEST
VDD+3
6.9
CK, LD, DI
0
0.2×VDD
VIL
L Level Input Voltage Range
V
RESET_TEST
0
VDD+0.8
FCLK
CK
10
MHz
FXTAL
XTAL
Input Frequency
19.68
19.70
19.72
FCLF
LFIN
120
125
130
kHz
TA
Operating Ambient Temperature Range
–40
25
125
°C
(1)
The accelerometer characteristic is applied only for TPIC8201XX.
Copyright © 2012, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
83
Submit Documentation Feedback
Product Folder Link(s): TPIC82000 Series


Similar Part No. - TPIC82000FFER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101 TI-TPIC8101 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DW TI-TPIC8101DW Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWG4 TI-TPIC8101DWG4 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWR TI-TPIC8101DWR Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results

Similar Description - TPIC82000FFER

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
NXP Semiconductors
FXTH871502DT1 NXP-FXTH871502DT1 Datasheet
206Kb / 2P
   Tire Pressure Monitoring Sensors 100-1500 kPa
REV 0
FXTH870502DT1 NXP-FXTH870502DT1 Datasheet
297Kb / 2P
   Tire Pressure Monitoring Sensors 100-900 kPa
REV 3
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
   Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
logo
TOKO, Inc
TK14583V-G TOKO-TK14583V-G Datasheet
180Kb / 2P
   Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
logo
Infineon Technologies A...
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
   Tire Pressure Sensor
06 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com