Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC82000FFER Datasheet(PDF) 73 Page - Texas Instruments

Part # TPIC82000FFER
Description  Tire Pressure Monitoring System TX Module
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC82000FFER Datasheet(HTML) 73 Page - Texas Instruments

Back Button TPIC82000FFER Datasheet HTML 69Page - Texas Instruments TPIC82000FFER Datasheet HTML 70Page - Texas Instruments TPIC82000FFER Datasheet HTML 71Page - Texas Instruments TPIC82000FFER Datasheet HTML 72Page - Texas Instruments TPIC82000FFER Datasheet HTML 73Page - Texas Instruments TPIC82000FFER Datasheet HTML 74Page - Texas Instruments TPIC82000FFER Datasheet HTML 75Page - Texas Instruments TPIC82000FFER Datasheet HTML 76Page - Texas Instruments TPIC82000FFER Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
TPIC82000 Series
www.ti.com
SLDS189 – MAY 2012
M LF Control
Not Bit Addressable
ESFR: 0xEC
LFcont
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
VATT<3:0>
Slicer_shunt
Carrier AMP on
VT monitor
Bias monitor
Access
w
w
w
w
w
w
w
w
At Power on reset
U
U
U
U
U
U
U
U
At Timer reset
S
S
S
S
S
S
S
S
VATT <3:0>
10 k
Ω shunt resistor between LFIN and LFINB trimming
Can be updated with LFmode<6> = 1
0.5 k
Ω step, 6 kΩ at VATT<3:0> = 1111, Open at VATT<3:0> = 0000
Slicer_shunt
Slicer input shunt switch for dc-offset trimming
Can be updated with LFmode<6> = 1
ON (1): Slicer dc-offset trimming
OFF (0): At LF slicer LPF trimming (LFbias<2:0>)
OFF(0): At LF Receiver operation
Carrier AMP on
LF carrier out AMP: ON (1), OFF (0) switch
Can be updated with LFmode<6> = 1
VT monitor
RSSI VT reference voltage monitor
Can be updated with LFmode<6> = 1
Bias monitor
LF bias setting voltage monitor
Can be updated with LFmode<6> = 1
M LF RSSI mode Control
Not Bit Addressable
ESFR: 0xC7
LFmodeRSSI
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
loadregister
loadRSSIVT
loadAGCset
Abortdisable
loadDataC
LF AMPGain
Access
w
w
w
w
w
W
At Power on reset
0
U
U
U
U
U
x
x
At Timer reset
0
S
S
S
S
S
x
x
At Reset
0
0
0
0
loadregister
LFmode RSSI register setting
Can be updated with bit7 (loadregister) = 1
loadRSSIVT
LFrssiVT register setting
Can be updated with bit7 (loadregister) = 1
loadAGCset
AGC (input variable attenuator) register setting
Can be updated with bit7 (loadregister) = 1
AbortDisable
Abort function enable (0), disable (1)
Can be updated with bit7 (loadregister) = 1
loadDataC
LFdataC register setting
Can be updated with bit7 (loadregister) = 1
LF_AMPgain
LF AMP Gain setting: High gain (1)/ Low gain (0)
Can be updated with bit7 (loadregister) = 1
M LF Data width count
Not Bit Addressable
ESFR: 0xC5
LFdataC
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
dataCEN
DataCount<6:0>
Access
w
w
w
w
w
w
w
w
At Power on reset
U
U
U
U
U
U
U
U
At Timer reset
S
S
S
S
S
S
S
S
dataCEN
LF data count setting: Auto (0), Fixed (1)
Can be updated with LFmodeRSSI<3> = 1
DataCount<6:0>
LF data width count<6:0>. Active with dataCEN = 1
Can be updated with LFmodeRSSI<3> = 1
M LF PreAmble Width UpperTimeLimit
Not Bit Addressable
ESFR: 0xAB
LFpUT
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LFpUT<7:0>
Access
w
w
w
w
w
w
w
w
At Power on reset
U
U
U
U
U
U
U
U
At Timer reset
S
S
S
S
S
S
S
S
LFpUT<7:0>
PreAmble Cycle count Upper Time Limit: LFpUT<7:0>
Can be updated with LFmode<6> = 1
Copyright © 2012, Texas Instruments Incorporated
FUNCTION DESCRIPTION
73
Submit Documentation Feedback
Product Folder Link(s): TPIC82000 Series


Similar Part No. - TPIC82000FFER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101 TI-TPIC8101 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DW TI-TPIC8101DW Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWG4 TI-TPIC8101DWG4 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWR TI-TPIC8101DWR Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results

Similar Description - TPIC82000FFER

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
NXP Semiconductors
FXTH871502DT1 NXP-FXTH871502DT1 Datasheet
206Kb / 2P
   Tire Pressure Monitoring Sensors 100-1500 kPa
REV 0
FXTH870502DT1 NXP-FXTH870502DT1 Datasheet
297Kb / 2P
   Tire Pressure Monitoring Sensors 100-900 kPa
REV 3
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
   Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
logo
TOKO, Inc
TK14583V-G TOKO-TK14583V-G Datasheet
180Kb / 2P
   Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
logo
Infineon Technologies A...
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
   Tire Pressure Sensor
06 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com