Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC82000FFER Datasheet(PDF) 59 Page - Texas Instruments

Part # TPIC82000FFER
Description  Tire Pressure Monitoring System TX Module
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC82000FFER Datasheet(HTML) 59 Page - Texas Instruments

Back Button TPIC82000FFER Datasheet HTML 55Page - Texas Instruments TPIC82000FFER Datasheet HTML 56Page - Texas Instruments TPIC82000FFER Datasheet HTML 57Page - Texas Instruments TPIC82000FFER Datasheet HTML 58Page - Texas Instruments TPIC82000FFER Datasheet HTML 59Page - Texas Instruments TPIC82000FFER Datasheet HTML 60Page - Texas Instruments TPIC82000FFER Datasheet HTML 61Page - Texas Instruments TPIC82000FFER Datasheet HTML 62Page - Texas Instruments TPIC82000FFER Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
28
4 65
19.707894MHz
Modulated signal Freq. (kHz)
346.4 (kHz)
4096
4
Carrier Freq. (MHz)
19.707894MHz
16
346.4 (kHz)
314.980 (MHz)
+
´
=
´
=
=
´
-
=
28
4 65
19.707894MHz
Modulated signal Freq. (kHz)
346.4 (kHz)
4096
4
Carrier Freq. (MHz)
19.707894MHz
22
346.4 (kHz)
433.920 (MHz)
+
´
=
´
=
=
´
-
=
7
19.707894MHz
28
19.707894MHz
Freq. deviation of FSK (kHz)
8.42 (kHz),
33.68 (kHz),
4096
4
4096
4
49
19.707894MHz
58.94 (kHz)
4096
4
=
´
=
´
=
´
=
1
19.707894MHz
1
1
Bit rate (bps)
4.81 (kbps)
2
4
16
32
=
´
´
´
=
1
19.707894MHz
1
1
Bit rate (bps)
9.62 (kbps)
2
4
8
32
=
´
´
´
=
1
19.707894MHz
1
1
Bit rate (bps)
19.25 (kbps)
2
4
4
32
=
´
´
´
=
1
19.707894MHz
1
1
Bit rate (bps)
9.93 (kbps)
2
4
8
31
=
´
´
´
=
TPIC82000 Series
www.ti.com
SLDS189 – MAY 2012
Setting Example
Xtal-OSC frequency: 19.707894 MHz
Desired carrier frequency: 314.980 MHz
ModRAMData<7:0> (0xC9) = 28, ModOffset<7:0> (0xD1) = 65
Where Polarity (0xD3) = 1, select the lower side frequency from the local carrier frequency.
BAND (0xC2) = 1 (315 MHz).
Desired carrier frequency: 433.920 MHz
ModRAMData<7:0> (0xC9) = 28, ModOffset<7:0> (0xD1) = 65
Where Polarity (0xD3) = 0, select the upper side Freq. from the Local Carrier Freq.
BAND (0xC2) = 0 (434 MHz).
Frequency deviation of FSK: ±25 kHz
ModRAMData<7:0> (0xC9) = 7, 28 (center), 49
For bit rate: 4.8K bits/s (ModScale<7:0> (0xD2) = 16, ModRAMAdd<5:0> (0xCA) = 32)
For bit rate: 9.6K bits/s (ModScale<7:0> (0xD2) = 8, ModRAMAdd<5:0> (0xCA) = 32)
For bit rate: 19.2K bits/s (ModScale<7:0> (0xD2) = 4, ModRAMAdd<5:0> (0xCA) = 32)
For bit rate: 10K bits/s (ModScale<7:0> (0xD2) = 8, ModRAMAdd<5:0> (0xCA) = 31)
For bit rate: 20K bits/s (ModScale<7:0> (0xD2) = 4, ModRAMAdd<5:0> (0xCA) = 31)
Copyright © 2012, Texas Instruments Incorporated
FUNCTION DESCRIPTION
59
Submit Documentation Feedback
Product Folder Link(s): TPIC82000 Series


Similar Part No. - TPIC82000FFER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC8101 TI-TPIC8101 Datasheet
242Kb / 18P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101 TI-TPIC8101 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DW TI-TPIC8101DW Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWG4 TI-TPIC8101DWG4 Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
TPIC8101DWR TI-TPIC8101DWR Datasheet
324Kb / 20P
[Old version datasheet]   KNOCK SENSOR INTERFACE
More results

Similar Description - TPIC82000FFER

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
NXP Semiconductors
FXTH871502DT1 NXP-FXTH871502DT1 Datasheet
206Kb / 2P
   Tire Pressure Monitoring Sensors 100-1500 kPa
REV 0
FXTH870502DT1 NXP-FXTH870502DT1 Datasheet
297Kb / 2P
   Tire Pressure Monitoring Sensors 100-900 kPa
REV 3
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
   Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
logo
TOKO, Inc
TK14583V-G TOKO-TK14583V-G Datasheet
180Kb / 2P
   Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
logo
Infineon Technologies A...
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
   Tire Pressure Sensor
06 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com