Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC71008-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC71008-Q1
Description  Eight-Channel Squib Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC71008-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC71008-Q1 Datasheet HTML 1Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 2Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 3Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 4Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 5Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 6Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 7Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 8Page - Texas Instruments TPIC71008-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPIC71008-Q1
SLVSAX3
– JUNE 2011
www.ti.com
DESCRIPTION
The TPIC71008 is an eight channel squib driver for airbags deployment in automotive applications. Each channel
consists of a high side and low side switch with independent control logic for protection against inadvertent
deployment. Both the high and the low side switches have internal current limit and over-temperature protection.
The IC registers are used for eight channel configuration, control and status monitoring. To prevent inadvertent
deployment, the high and the low side switches are turned on only if the proper configuration sequence is used,
two independent arming/safing inputs are active and multiple inputs to the deploy controller logic are at the
correct level. The registers are programmed using a serial communications interface.
To prevent excessive power dissipation the maximum active ON time for each channel is limited by
programmable Firing Time Out Timer. In addition, a current limit register is used to program the maximum current
through the switches during a deployment. The current limitation on the low side switch is larger than the
corresponding current limitation on the high side switch. During deployment, the low side switch is fully enhanced
and operates with RDS_ON mode, while the high side switch is in current regulation mode.
IC diagnostic functions monitor deployment pin voltages to facilitate High Side switch test, Low Side switch test,
squib resistance measurements, squib leakage measurement to battery or ground or leakage between any squib
channels. The squib leakage measurement does not require the squib load to be present and covers both Zx and
ZMx pins. Diagnostic information is communicated through the AMX_OUT pin (for analog signals) and SPI
mapped status registers (for status signals latched in digital core).
The high-side and low-side squib drivers have a diagnostic level current limit and a deployment level current limit.
The default current limit for high-side and low-side squib drivers is the diagnostic level current limit. The high-side
switch deployment current limit for all high-side drivers can be set to either 1.2 A min or 1.75 A min (see Table 1)
through SPI mapped registers and device EEPROM settings (see Table 2). The low-side switch deployment
current limit is not programmable and is fixed to a level greater than the high-side driver current limit. The ON
time duration for each individual squib driver can be programmed through SPI mapped registers.
The deployment sequence requires a specific set of software commands combined with external hardware
arming/safing logic inputs (TZ=H, IWD=L) to provide deployment capability. The turn-on sequence of the
high-side and low-side drivers is software controlled via SPI commands. The turn-off procedure is automatically
controlled by the deployment ASIC for the high side drivers, while the low side drivers turn-off procedure can be
controlled by the deployment ASIC or by software via SPI commands. After the programmed ON time
deployment has been achieved, the high-side driver is deactivated first. It is followed by the low-side driver
deactivation after approximately 100usec (in case of hardware control turn-off sequence device configuration), or
after SPI command for low side driver turn-off has been received from an external microcontroller (in case of
software control turn-off sequence device configuration).
The RESET_N is an active low input reset signal. This input will be released high by the power supply unit and/or
the external microcontroller once the external voltage supplies are within the specified limits. The external
microcontroller is required to configure and control device through the serial communication interface. Reliable
software is critical for the system operation.
Table 1. Potential Deployment Settings for Typical Firing Current
MAXIMUM AVERAGE FIRING
FIRING
TYPICAL FIRING
DWELL (FIRING)
VOLTAGE BETWEEN VZx AND Zx
VOLTAGE
CURRENT
TIME
PINS TO ACHIEVE DEPLOYMENT
35 V
32.56 V
1.2 A
2 ms(1)
35 V
35.0 V
1.75 A
0.5 ms(1)
(1)
For programming desired dwell (firing) time
Extended deployment duration activates the over-temperature protection circuit and terminates deployment. If
short-to-ground condition occurs during deployment, 35-V firing voltage is completely dropped across the
HS_FET, thereby thermal shut down protection kicks in to protect the device.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPIC71008-Q1


Similar Part No. - TPIC71008-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71002TDCAQ1 TI1-TPIC71002TDCAQ1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71002TDCARQ1 TI1-TPIC71002TDCARQ1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71004-Q1 TI1-TPIC71004-Q1 Datasheet
379Kb / 8P
[Old version datasheet]   Quad-Channel Driver for Airbag Deployment
TPIC71004TDCARQ1 TI1-TPIC71004TDCARQ1 Datasheet
379Kb / 8P
[Old version datasheet]   Quad-Channel Driver for Airbag Deployment
More results

Similar Description - TPIC71008-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
logo
Silicon Standard Corp.
SS62803 SSC-SS62803 Datasheet
181Kb / 6P
   Eight-channel Darlington Drivers
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
JST Mfg. Co., Ltd.
SQN JST-SQN Datasheet
124Kb / 3P
   Squib connectors
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
   2-channel Squib Driver for Air Bags
logo
STMicroelectronics
L9634 STMICROELECTRONICS-L9634 Datasheet
997Kb / 36P
   SQUIB RESISTANCE MEASUREMENT
October 2004 Rev. 1
logo
Aeroflex Circuit Techno...
MT34013 AEROFLEX-MT34013 Datasheet
155Kb / 8P
   EIGHT CHANNEL ARINC DECODER
logo
Texas Instruments
SN75128 TI1-SN75128 Datasheet
248Kb / 9P
[Old version datasheet]   EIGHT-CHANNEL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com