Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC7218-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC7218-Q1
Description  Power Controller and Sensor ASIC for Braking Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC7218-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPIC7218-Q1 Datasheet HTML 1Page - Texas Instruments TPIC7218-Q1 Datasheet HTML 2Page - Texas Instruments TPIC7218-Q1 Datasheet HTML 3Page - Texas Instruments TPIC7218-Q1 Datasheet HTML 4Page - Texas Instruments TPIC7218-Q1 Datasheet HTML 5Page - Texas Instruments TPIC7218-Q1 Datasheet HTML 6Page - Texas Instruments TPIC7218-Q1 Datasheet HTML 7Page - Texas Instruments TPIC7218-Q1 Datasheet HTML 8Page - Texas Instruments TPIC7218-Q1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-May-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TPIC7218QPFPRQ1
ACTIVE
HTQFP
PFP
80
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TPIC7218-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71002TDCAQ1 TI1-TPIC71002TDCAQ1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71002TDCARQ1 TI1-TPIC71002TDCARQ1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
TPIC71004-Q1 TI1-TPIC71004-Q1 Datasheet
379Kb / 8P
[Old version datasheet]   Quad-Channel Driver for Airbag Deployment
TPIC71004TDCARQ1 TI1-TPIC71004TDCARQ1 Datasheet
379Kb / 8P
[Old version datasheet]   Quad-Channel Driver for Airbag Deployment
More results

Similar Description - TPIC7218-Q1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74001 SKYWORKS-CX74001 Datasheet
664Kb / 23P
   Rx ASIC for CDMA, AMPS, and PCS Applications
logo
STMicroelectronics
STLUX385A STMICROELECTRONICS-STLUX385A Datasheet
2Mb / 99P
   Digital controller for lighting and power conversion applications
logo
Skyworks Solutions Inc.
CX74061 SKYWORKS-CX74061 Datasheet
580Kb / 2P
   Rx ASIC for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
logo
STMicroelectronics
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
   Quad squib driver and dual sensor interface ASIC for safety application
November 2013 Rev 3
logo
Intersil Corporation
ISL6226 INTERSIL-ISL6226 Datasheet
384Kb / 17P
   Advanced PWM and Linear Power Controller for Portable Applications
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
logo
Renesas Technology Corp
ISL6432 RENESAS-ISL6432 Datasheet
685Kb / 12P
   PWM and Triple Linear Power Controller for Home Gateway Applications
logo
Intersil Corporation
ISL6432 INTERSIL-ISL6432 Datasheet
276Kb / 12P
   PWM and Triple Linear Power Controller for Home Gateway Applications
logo
Endress+Hauser Group Se...
CPS62E EH-CPS62E Datasheet
527Kb / 12P
   ORP sensor for hygienic and sterile applications
2021-08-20
logo
E+E Elektronik Ges.m.b....
EE23 EPLUSE-EE23 Datasheet
1Mb / 9P
   Humidity and Temperature Sensor for Industrial Applications
08-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com