Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6139A2PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6139A2PWR
Description  DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6139A2PWR Datasheet(HTML) 2 Page - Texas Instruments

  TPA6139A2PWR Datasheet HTML 1Page - Texas Instruments TPA6139A2PWR Datasheet HTML 2Page - Texas Instruments TPA6139A2PWR Datasheet HTML 3Page - Texas Instruments TPA6139A2PWR Datasheet HTML 4Page - Texas Instruments TPA6139A2PWR Datasheet HTML 5Page - Texas Instruments TPA6139A2PWR Datasheet HTML 6Page - Texas Instruments TPA6139A2PWR Datasheet HTML 7Page - Texas Instruments TPA6139A2PWR Datasheet HTML 8Page - Texas Instruments TPA6139A2PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
3
4
5
6
7
13
1
12
11
10
9
8
OUT_L
14
GND
MUTE
VSS
CN
CP
–IN_L
NC
VDD
GND
GAIN
OUT_R
–IN_R
NC
GAIN
GND
VDD
GND
MUTE
GND
OUT_L
OUT_R
1
3
4
2
12
10
9
11
RGT PACKAGE
QFN
(TOP VIEW)
PW PACKAGE
TSSOP
(TOP VIEW)
TPA6139A2
SLOS700B – JANUARY 2011 – REVISED JUNE 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
GENERAL INFORMATION
PIN ASSIGNMENT
The TPA6139A2 is available in the:
14-pin TSSOP package (PW) or
16-pin QFN package (RGT)
PIN FUNCTIONS
PIN
FUNCTION(1)
DESCRIPTION
NAME
PW NO.
RGT NO.
-IN_L
1
16
I
Negative input, left channel
OUT_L
2
1
O
Output, left channel
GND
3, 11
2, 3, 10
P
Ground
MUTE
4
4
I
MUTE, active low
VSS
5
5
O
Change Pump negative supply voltage
CN
6
6
I/O
Charge Pump flying capacitor negative connection
NC
7, 8
7. 14, 15
No internal connection
CP
9
8
I/O
Charge Pump flying capacitor positive connection
VDD
10
9
P
Supply voltage, connect to positive supply
GAIN
12
11
I
Gain set programming pin; connect a resistor to ground.
See Table 1 for recommended resistor values
OUT_R
13
12
O
Output, right channel
-IN_R
14
13
I
Negative input, right channel
(1)
I = input, O = output, P = power
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPA6139A2


Similar Part No. - TPA6139A2PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2PWR TI1-TPA6139A2PWR Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
More results

Similar Description - TPA6139A2PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com